Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61305YFFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61305YFFR
Description  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61305YFFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61305YFFR Datasheet HTML 7Page - Texas Instruments TPS61305YFFR Datasheet HTML 8Page - Texas Instruments TPS61305YFFR Datasheet HTML 9Page - Texas Instruments TPS61305YFFR Datasheet HTML 10Page - Texas Instruments TPS61305YFFR Datasheet HTML 11Page - Texas Instruments TPS61305YFFR Datasheet HTML 12Page - Texas Instruments TPS61305YFFR Datasheet HTML 13Page - Texas Instruments TPS61305YFFR Datasheet HTML 14Page - Texas Instruments TPS61305YFFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
0
100
200
300
400
500
600
700
800
900
400 500 600 700 800 900 1000 1100 1200 1300 1400
LED2PinHeadroomVoltage-mV
ILED2=800mA
ILED2=700mA
ILED2=550mA
ILED2=300mA
ILED2=450mA
ILED2=350mA
TPS61300
I
=1750mA,
HC_SEL =Low
LIM
0
250
500
750
1000
1250
1500
1750
2000
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
I
=1750mA,
HC_SEL =Tx-MASK=Low
LIM
ILED1=
50mA
ILED2=550mA
ILED3=2
ILED1=
50mA
ILED2=600mA
ILED3=3
ILED1=
50mA
ILED2=450mA
ILED3=2
TPS61300
ILED1=
50mA
ILED2=275mA
ILED3=2
0
10
20
30
40
50
60
70
80
90
100
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
TPS61300
ILED1=
50mA
ILED2=100mA
ILED3=
I
=1750mA,
HC_SEL =Tx-MASK=Low
LIM
ILED1=
0mA
ILED2=200mA
ILED3=10
ILED1=
5mA
ILED2=150mA
ILED3=7
ILED1=
50mA
ILED2=550mA
ILED3=2
ILED1=
50mA
ILED2=600mA
ILED3=3
ILED1=
50mA
ILED2=450mA
ILED3=2
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
0
10
20
30
40
50
60
70
80
90
100
ILED2=75mA
ILED2=100mA
ILED2=150mA
ILED2=200mA
ILED2=250mA
TPS61300
I
=1750mA,
HC_SEL =Tx-MASK=Low
LED2ChannelOnly
LIM
11
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
www.ti.com
SLVS957E – JUNE 2009 – REVISED APRIL 2016
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7.7 Typical Characteristics
TABLE OF GRAPHS
FIGURE NO.
LED Power Efficiency
vs Input Voltage
Figure 4, Figure 5
DC Input Current
vs Input Voltage
Figure 6
LED Current
vs LED Pin Headroom Voltage
Figure 7, Figure 8, Figure 9
LED Current
vs LED Current Digital Code
Figure 10, Figure 11, Figure 12, Figure 13
INDLED Current
vs LED Pin Headroom Voltage
Figure 14
Voltage Mode Efficiency
vs Output Current
Figure 15, Figure 16
DC Output Voltage
vs Output Current
Figure 17, Figure 18
Maximum Output Current
vs Input Voltage
Figure 19
DC preCharge Current
vs Differential Input-Output Voltage
Figure 20, Figure 21
Valley Current Limit
Figure 22, Figure 23
Balancing Current
vs Balance Pin Voltage
Figure 24
Supply Current
vs Input Voltage
Figure 25
Standby Current
vs Ambient Temperature
Figure 26
Temperature Detection Threshold
Figure 27, Figure 28
Junction Temperature
vs Port Voltage
Figure 29
Figure 4. LED Power Efficiency vs Input Voltage
Figure 5. LED Power Efficiency vs Input Voltage
Figure 6. DC Input Current vs Input Voltage
Figure 7. LED2 Current vs LED2 Pin Headroom Voltage
(HC_SEL = 0)


Similar Part No. - TPS61305YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
More results

Similar Description - TPS61305YFFR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com