Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61261DRVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61261DRVT
Description  TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61261DRVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61261DRVT Datasheet HTML 6Page - Texas Instruments TPS61261DRVT Datasheet HTML 7Page - Texas Instruments TPS61261DRVT Datasheet HTML 8Page - Texas Instruments TPS61261DRVT Datasheet HTML 9Page - Texas Instruments TPS61261DRVT Datasheet HTML 10Page - Texas Instruments TPS61261DRVT Datasheet HTML 11Page - Texas Instruments TPS61261DRVT Datasheet HTML 12Page - Texas Instruments TPS61261DRVT Datasheet HTML 13Page - Texas Instruments TPS61261DRVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
+
-
V
FB
GND
FB
VOUT
L
VIN
EN
Current
Sensor
Gate
Control
Modulator
Device
Control
VIN
VOUT
RI
VOUT
TPS61260, TPS61261
SLVSA99B – MAY 2011 – REVISED NOVEMBER 2014
www.ti.com
Functional Block Diagrams (continued)
Figure 16. TPS61261
8.3 Feature Description
8.3.1 Controller Circuit
The controlling circuit of the device is based on a current mode topology. The inductor current is regulated by a
fast current regulator loop which is controlled by either a voltage control loop or a reference current. The
controller also uses input and output voltage feedforward. Changes of the input and output voltages are
monitored and immediately change the duty cycle in the modulator to achieve a fast response to those errors.
The voltage error amplifier gets its feedback input from the FB pin. For the adjustable output voltage version, a
resistive voltage divider must be connected to that pin. For the fixed output voltage version, the FB pin must be
connected to the output voltage to directly sense the voltage. Fixed output voltage versions use a trimmed
internal resistive divider. The feedback voltage is compared with the internal reference voltage to generate a
stable and accurate output voltage. The reference current for average output current control is programmed with
a resistor connected between the RI pin and GND.
The programming of the average output current also affects the maximum switch current in the main switch
which basically is the input current. The lower the average output current is programmed, the lower the maximum
input current. Now, maximum input power is controlled as well as the maximum peak current to achieve safe and
stable operation under all possible conditions. Smaller inductors with lower saturation current ratings can be
used, when lower average output currents are programmed.
8.3.2 Synchronous Boost Operation
The device uses 3 internal N-channel MOSFETs to maintain synchronous power conversion at all possible
operating conditions. This enables the device to keep high efficiency over a wide input voltage and output power
range. Using 2 rectifying switches also enables the device to control the output voltage and current during startup
conditions when the input voltage is higher than the output voltage. During startup, the rectifying switch works in
a linear mode until the output voltage is near the input voltage. Once in regulation, operating with the input
voltage greater than the output voltage may cause either the output voltage or current to exceed its regulation
value. Although this operating point is not recommended, the device will not be damaged by this as long as
absolute maximum ratings are not violated.
10
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: TPS61260 TPS61261


Similar Part No. - TPS61261DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61261DRVT TI1-TPS61261DRVT Datasheet
1,004Kb / 21P
[Old version datasheet]   TINY LOW INPUT VOLTAGE BOOST CONVERTER
MAY2011
More results

Similar Description - TPS61261DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Lineage Power Corporati...
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
logo
Linear Integrated Syste...
LTC3423 LINEAR-LTC3423 Datasheet
203Kb / 12P
   Low Output Voltage 3MHz Micropower Synchronous Boost Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com