Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61261DRVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61261DRVR
Description  TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61261DRVR Datasheet(HTML) 3 Page - Texas Instruments

  TPS61261DRVR Datasheet HTML 1Page - Texas Instruments TPS61261DRVR Datasheet HTML 2Page - Texas Instruments TPS61261DRVR Datasheet HTML 3Page - Texas Instruments TPS61261DRVR Datasheet HTML 4Page - Texas Instruments TPS61261DRVR Datasheet HTML 5Page - Texas Instruments TPS61261DRVR Datasheet HTML 6Page - Texas Instruments TPS61261DRVR Datasheet HTML 7Page - Texas Instruments TPS61261DRVR Datasheet HTML 8Page - Texas Instruments TPS61261DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
VOUT
EN
L
RI
FB
Exposed
Thermal
Pad
VIN
GND
GND
1
2
3
4
5
6
TPS61260, TPS61261
www.ti.com
SLVSA99B – MAY 2011 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
6-Pin WSON
DRV Package
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
EN
2
I
Enable input. (High = enabled, Low = disabled). Do not leave floating.
FB
3
I
Voltage feedback of adjustable versions. Must be connected to VOUT on fixed output voltage
versions.
GND
Exposed
Must be soldered to achieve appropriate power dissipation and mechanical reliability. Must be
Thermal Pad
connected to GND.
L
5
I
Connection for inductor
RI
1
I
Average output current programming input. A resistor with a value between 2 k
Ω and 20 kΩ must be
connected between the RI pin and GND.
VIN
6
I
Supply voltage for control stage
VOUT
4
O
Boost converter output
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61260 TPS61261


Similar Part No. - TPS61261DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61261DRVR TI1-TPS61261DRVR Datasheet
1,004Kb / 21P
[Old version datasheet]   TINY LOW INPUT VOLTAGE BOOST CONVERTER
MAY2011
More results

Similar Description - TPS61261DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Lineage Power Corporati...
ATH025A0X3 LINEAGEPOWER-ATH025A0X3 Datasheet
1Mb / 20P
   4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
logo
Linear Integrated Syste...
LTC3423 LINEAR-LTC3423 Datasheet
203Kb / 12P
   Low Output Voltage 3MHz Micropower Synchronous Boost Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com