Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61300 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61300
Description  TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61300 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61300_16 Datasheet HTML 1Page - Texas Instruments TPS61300_16 Datasheet HTML 2Page - Texas Instruments TPS61300_16 Datasheet HTML 3Page - Texas Instruments TPS61300_16 Datasheet HTML 4Page - Texas Instruments TPS61300_16 Datasheet HTML 5Page - Texas Instruments TPS61300_16 Datasheet HTML 6Page - Texas Instruments TPS61300_16 Datasheet HTML 7Page - Texas Instruments TPS61300_16 Datasheet HTML 8Page - Texas Instruments TPS61300_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
5
TPS61300, TPS61301
TPS61305, TPS61305A, TPS61306
www.ti.com
SLVS957E – JUNE 2009 – REVISED APRIL 2016
Product Folder Links: TPS61300 TPS61301 TPS61305
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In applications where high power dissipation or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(MAX)] is dependent on the maximum operating junction temperature [TJ(MAX)], the
maximum power dissipation of the device in the application [PD(MAX)], and the junction-to-ambient thermal resistance of the part and
package in the application (
θJA), as given by the following equation: TA(MAX) = TJ(MAX) – (θJA × PD(MAX))
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage range(2)
AVIN, VOUT, SW, LED1, LED2, LED3, SCL, SDA, FLASH_SYNC, ENDCL,
NRESET, ENVM, GPIO/PG, HC_SEL, Tx-MASK, TS, BAL
–0.3
7
V
Current on GPIO/PG
±25
mA
Power dissipation
Internally limited
Operating ambient temperature(3), TA
–40
85
°C
Maxium operating junction temperature, TJ(MAX)
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPS6130xx
UNIT
YFF (DSBGA)
20 PINS
RθJA
Junction-to-ambient thermal resistance
70.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.4
°C/W
RθJB
Junction-to-board thermal resistance
11.4
°C/W
ψJT
Junction-to-top characterization parameter
1.9
°C/W
ψJB
Junction-to-board characterization parameter
11.2
°C/W


Similar Part No. - TPS61300_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
More results

Similar Description - TPS61300_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61305YFFT TI-TPS61305YFFT Datasheet
2Mb / 77P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com