Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61252DSGR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61252DSGR
Description  TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61252DSGR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61252DSGR Datasheet HTML 2Page - Texas Instruments TPS61252DSGR Datasheet HTML 3Page - Texas Instruments TPS61252DSGR Datasheet HTML 4Page - Texas Instruments TPS61252DSGR Datasheet HTML 5Page - Texas Instruments TPS61252DSGR Datasheet HTML 6Page - Texas Instruments TPS61252DSGR Datasheet HTML 7Page - Texas Instruments TPS61252DSGR Datasheet HTML 8Page - Texas Instruments TPS61252DSGR Datasheet HTML 9Page - Texas Instruments TPS61252DSGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
4.9
4.925
4.95
4.975
5
5.025
5.05
5.075
5.1
0.00001
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V =2.3V
I
V =2.7V
I
V =3.3V
I
V =3.6V
I
V =4.2V
I
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
V -InputVoltage-V
I
I
(I_Lim=1.5 A)
O
I
(I_Lim=1 A)
O
I
(I_Lim=0.5 A)
O
I
(I_Lim=0.2 A)
O
I
(I_Lim=0.1 A)
O
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
5.9
V -InputVoltage-V
I
0
10
20
30
40
50
60
70
80
90
100
V
=5V,
I
=max
O
lim
I
=10mA
O
I
=100mA
O
I
=1000mA
O
I -OutputCurrent-A
O
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
V =3.6V
I
V =4.2V
I
V =3.3V
I
V =2.7V
I
V =2.3V
I
V
=5V,
I
=max
O
lim
V =5.5V
I
V =6V
I
V
=5V,
I
=max
O
lim
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
I -OutputCurrent-A
O
TPS61252
SLVSAG3A – SEPTEMBER 2010 – REVISED DECEMBER 2014
www.ti.com
Figure 1. Efficiency vs Output Current
Figure 2. Efficiency vs Output Current
In 100% Duty Cycle Mode
Figure 3. Efficiency vs Input Voltage
Figure 4. Maximum Output Current vs Input Voltage
Figure 5. Output Voltage vs Output Current
6
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: TPS61252


Similar Part No. - TPS61252DSGR

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
More results

Similar Description - TPS61252DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
   2A Step-Down Converter with Adjustable Input Current Limit
logo
Texas Instruments
TPS61260 TI1-TPS61260 Datasheet
1,004Kb / 21P
[Old version datasheet]   TINY LOW INPUT VOLTAGE BOOST CONVERTER
MAY2011
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
Linear Technology
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
Texas Instruments
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com