Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61253YFFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61253YFFR
Description  TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253YFFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61253YFFR Datasheet HTML 7Page - Texas Instruments TPS61253YFFR Datasheet HTML 8Page - Texas Instruments TPS61253YFFR Datasheet HTML 9Page - Texas Instruments TPS61253YFFR Datasheet HTML 10Page - Texas Instruments TPS61253YFFR Datasheet HTML 11Page - Texas Instruments TPS61253YFFR Datasheet HTML 12Page - Texas Instruments TPS61253YFFR Datasheet HTML 13Page - Texas Instruments TPS61253YFFR Datasheet HTML 14Page - Texas Instruments TPS61253YFFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
2.5 2.75
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
V - Input Voltage - V
I
T = -40 °C
A
T = 25 °C
A
T = 85 °C
A
T = 65 °C
A
V = 5 V (TPS61253),
I = Pulse Operation (t
= 20 ms,
= 10%)
PWM Operation
O
O
pulse
d
0
20 40
60
80 100 120 140 160 180 200 220 240
I
- Output Current - mA
O
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
V
~ V
Standby Operation
O
I
V = 4.5 V
I
V = 2.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 4.2 V
I
2.5 2.75
3
3.25 3.5 3.75
4
4.25 4.5 4.75
5
V - Input Voltage - V
I
500
700
900
1100
1300
1500
1700
1900
2100
2300
V
= 5 V (TPS61256)
PWM Operation
O
T = -40°C
A
T = 25°C
A
T = 85°C
A
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
V - Input Voltage - V
I
4.95
5
5.05
5.1
5.15
5.2
5.25
5.3
5.35
5.4
5.45
5.5
5.55
I
= 100 mA
O
I
= 10 mA
O
I
= 800 mA
O
V
= 5 V
PFM/PWM Operation
O
I
= 500 mA
O
4.75
4.8
4.85
4.9
4.95
5
5.05
5.1
1000 1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
I - Output Current - mA
O
V = 4.2 V
I
V = 4.5 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 5 V (TPS61253),
I = Pulse Operation (t
= 20 ms,
= 10%),
PWM Operation
O
O
pulse
d
V = 3 V
I
4.8
4.85
4.9
4.95
5
5.05
500
700
900
1100
1300
1500
1700
1900
I
- Output Current - mA
O
V = 4.5 V
I
V = 2.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 4.2 V
I
V
= 5 V (TPS61256)
PWM Operation
O
11
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
www.ti.com
SLVSAG8G – SEPTEMBER 2011 – REVISED JUNE 2016
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 9. DC Output Voltage vs Output Current
Figure 10. DC Output Voltage vs Output Current
Figure 11. DC Output Voltage vs Input Voltage
Figure 12. Maximum Output Current vs Input Voltage
Figure 13. Maximum Output Current vs Input Voltage
Figure 14. DC Output Voltage vs Output Current


Similar Part No. - TPS61253YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253YFFR TI1-TPS61253YFFR Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61253YFFR TI1-TPS61253YFFR Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61253YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com