Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61236PRWLT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61236PRWLT
Description  TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61236PRWLT Datasheet(HTML) 5 Page - Texas Instruments

  TPS61236PRWLT Datasheet HTML 1Page - Texas Instruments TPS61236PRWLT Datasheet HTML 2Page - Texas Instruments TPS61236PRWLT Datasheet HTML 3Page - Texas Instruments TPS61236PRWLT Datasheet HTML 4Page - Texas Instruments TPS61236PRWLT Datasheet HTML 5Page - Texas Instruments TPS61236PRWLT Datasheet HTML 6Page - Texas Instruments TPS61236PRWLT Datasheet HTML 7Page - Texas Instruments TPS61236PRWLT Datasheet HTML 8Page - Texas Instruments TPS61236PRWLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
TPS61235P, TPS61236P
www.ti.com
SLVSCK4A – SEPTEMBER 2015 – REVISED MAY 2016
Product Folder Links: TPS61235P TPS61236P
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.5 Electrical Characteristics
TJ = –40°C to 125°C and VIN = 3.6 V. Typical values are at TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage
2.3
VOUT – 0.6
V
VUVLO
Input under voltage lockout
VIN rising
2.2
2.3
V
Hysteresis
125
mV
IQ
Quiescent current into VIN
IC enabled, No Load, No switching,
VOUT = 5.1 V
5
11
µA
Quiescent current into VOUT
5
30
µA
ISD
Shutdown current into VIN
IC disabled, TJ = –40°C to 85°C
0.01
3
µA
OUTPUT
VOUT
Output voltage range
TPS61236P
2.9
5.5
V
Output voltage
PWM mode,
TPS61235P
5.0
5.1
5.2
V
PFM mode,
TPS61235
5.2
V
VFB
Feedback voltage
PWM mode,
TPS61236P
1.219
1.244
1.269
V
PFM mode,
TPS61236P
1.256
V
VOVP
Output over voltage protection
threshold
5.60
5.80
5.93
V
ILKG_FB
Leakage current into FB pin
TPS61235P, VFB = 5.1 V
4000
nA
TPS61236P, VFB = 1.244 V
120
nA
ILKG_SW
Leakage current into SW pin
IC disabled, TJ = –40°C to 85°C,
VSW = 5.1 V
0.05
2
µA
ILKG_VOUT
Leakage current into VOUT pin
IC disabled, TJ = –40°C to 85°C,
VOUT = 5.1 V
0.05
2
µA
Line regulation
IOUT = 2A, VIN = 2.7 V to 4.5 V,
VOUT = 5.1 V
0.06
%/V
Load regulation
IOUT = 0.5 A to 3 A, VIN = 3.6 V,
VOUT = 5.1 V
0.06
%/A
POWER STAGE
RDS(on)
High side MOSFET on resistance
VOUT = 5.1 V
14
30
m
Low side MOSFET on resistance
VOUT = 5.1 V
14
30
m
fsw
Switching frequency
VOUT = 5.1 V, PWM mode
750
1000
1250
kHz
Constant output current limit accuracy
RCC = 124 kΩ,
TJ = 25°C
–15%
15%
RCC = 61.9 kΩ,
TJ = 25°C
–10%
10%
RCC = 61.9 kΩ,
TJ = –20°C to 125°C
–15%
15%
ILIM
Switch valley current limit
TJ = –20°C to 100°C
6.5
8
9.5
A
ILIM_pre
Precharge mode current limit
VOUT = 0 V,
TJ = 0°C to 125°C
0.05
0.25
0.8
A
VOUT = 2 V
1.3
A
VOUT = 3 V
1.7
A
IINACT_th
Inactive threshold
VOUT = 5.1 V
50
mA
tINACT_delay
Deglitch delay
VOUT = 5.1 V
15
ms
TSD
Thermal shutdown threshold
TJ rising
140
°C
Hysteresis
15
°C


Similar Part No. - TPS61236PRWLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61230 TI1-TPS61230 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
TPS61230A TI1-TPS61230A Datasheet
1Mb / 28P
[Old version datasheet]   TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
TPS61230ARNSR TI1-TPS61230ARNSR Datasheet
1Mb / 28P
[Old version datasheet]   TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
TPS61230ARNST TI1-TPS61230ARNST Datasheet
1Mb / 28P
[Old version datasheet]   TPS61230A 5-V / 6-A High Efficiency Step-Up Converter in 2.0-mm x 2.0-mm VQFN Package
TPS61230DRCR TI1-TPS61230DRCR Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results

Similar Description - TPS61236PRWLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
   Synchronous Buck-Boost DC/DC Constant Output Current Regulator
logo
Analog Devices
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Texas Instruments
TPS61260 TI1-TPS61260_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
ADDtek Corp
A723 ADDTEK-A723 Datasheet
76Kb / 1P
   HIGH VOLTAGE BOOST DRIVER WITH 8 CHANNELS CONSTANT CURRENT REGULATORS
FEBRUARY 2009
logo
Texas Instruments
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com