Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61235PRWLR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61235PRWLR
Description  TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61235PRWLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61235PRWLR Datasheet HTML 5Page - Texas Instruments TPS61235PRWLR Datasheet HTML 6Page - Texas Instruments TPS61235PRWLR Datasheet HTML 7Page - Texas Instruments TPS61235PRWLR Datasheet HTML 8Page - Texas Instruments TPS61235PRWLR Datasheet HTML 9Page - Texas Instruments TPS61235PRWLR Datasheet HTML 10Page - Texas Instruments TPS61235PRWLR Datasheet HTML 11Page - Texas Instruments TPS61235PRWLR Datasheet HTML 12Page - Texas Instruments TPS61235PRWLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Thermal
Shutdown
Current Sense
and IOUT
Monitor
UVLO
Gate Driver
Pulse Modulator
Soft Start
Control
OVP & Short
Circuit Protection
6
4
9
2
3
Logic
7
8
IOUT
IINACT_th
VOUT
REF
VIN
VOUT
VIN
SW
INACT
EN
FB
CC
VOUT
VIN
1
5
PGND
AGND
1)
TPS61236P
TPS61235P
Bootstrap
Copyright © 2016, Texas Instruments Incorporated
9
TPS61235P, TPS61236P
www.ti.com
SLVSCK4A – SEPTEMBER 2015 – REVISED MAY 2016
Product Folder Links: TPS61235P TPS61236P
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS6123x is a high current, high efficiency synchronous boost converter with constant current output
feature. It is optimized for single cell Li-Ion and Li-polymer battery powered products, in a wide range of power
bank, tablet, and other portable devices. The converter integrates 14-mΩ /14-mΩ power switches and is capable
of delivering more than 3.5-A output current for 3.3-V to 5-V conversion. The low Rds(on) of the internal power
switches enables up to 97% power conversion efficiency.
The TPS6123x has two regulation loops, one is the output voltage regulation loop as the normal boost converters
have, and the other is the output current regulation loop. An external resistor can be used to program the
maximum output current, and once the output current reaches the programmed value, the current loop kicks in to
regulate the output current. The TPS6123x can also indicate the load status. These features can simplify system
design, eliminate external power path components like a load switch, and achieve much lower system thermal
dissipation and improve the total power conversion effectively.
The TPS6123x also consumes only 10-µA quiescent current under a light load condition. This low quiescent
current together with the load status indication function makes the device very suitable for Always-On
applications. For example, for a power bank application, the TPS6123x can remain always on and report load
status to the system controller.
8.2 Functional Block Diagram
(1)
Internal FB resistor divider is implemented in TPS61235P only.


Similar Part No. - TPS61235PRWLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
More results

Similar Description - TPS61235PRWLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61235 TI-TPS61235_15 Datasheet
914Kb / 36P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Analog Devices
ADP1870 AD-ADP1870 Datasheet
1Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
   Synchronous Buck-Boost DC/DC Constant Output Current Regulator
logo
Analog Devices
ADP1874 AD-ADP1874 Datasheet
2Mb / 44P
   Synchronous Buck Controller with Constant On-Time and Valley Current Mode
REV. 0
logo
Texas Instruments
TPS61260 TI1-TPS61260_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
TPS61260 TI-TPS61260_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6126x 0.8-V Input Synchronous Boost Converters with 100-mA Output Current
logo
Linear Technology
LT8710 LINER-LT8710_15 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
LT8710 LINER-LT8710 Datasheet
646Kb / 44P
   Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
logo
ADDtek Corp
A723 ADDTEK-A723 Datasheet
76Kb / 1P
   HIGH VOLTAGE BOOST DRIVER WITH 8 CHANNELS CONSTANT CURRENT REGULATORS
FEBRUARY 2009
logo
Texas Instruments
TPS61230 TI1-TPS61230_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com