Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61230 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61230
Description  TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61230 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61230_16 Datasheet HTML 5Page - Texas Instruments TPS61230_16 Datasheet HTML 6Page - Texas Instruments TPS61230_16 Datasheet HTML 7Page - Texas Instruments TPS61230_16 Datasheet HTML 8Page - Texas Instruments TPS61230_16 Datasheet HTML 9Page - Texas Instruments TPS61230_16 Datasheet HTML 10Page - Texas Instruments TPS61230_16 Datasheet HTML 11Page - Texas Instruments TPS61230_16 Datasheet HTML 12Page - Texas Instruments TPS61230_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SW
IN
L
OUT
IN
OUT
L
SW
_
LIM
)
MAX
(
OUT
f
D
L
V
I
V
V
V
D
I
2
1
I
)
D
1
(
I
´
=
D
-
=
÷
ø
ö
ç
è
æ
D
+
´
-
=
R E F
O U T
I N
S S
S S
V
V
V
1
A
5
C
t
´
÷÷
ø
ö
çç
è
æ
-
´
=
m
TPS61230, TPS61231, TPS61232
www.ti.com
SLVSAQ2C – JANUARY 2014 – REVISED OCTOBER 2014
Feature Description (continued)
start phase, the SS pin voltage limits the FB pin voltage, and the output voltage rising slope follows the SS pin
voltage slope. The capacitor connected to the SS pin is charged by the internal bias current of ISS, giving the time
of the soft start phase shown in Equation 1. The larger the soft start capacitor, the longer the soft start phase
time. Leaving the SS pin floating sets the minimum soft startup phase time. The device finishes the soft start
phase and operates normally when the nominal output voltage is reached.
(1)
The SS pin voltage is discharged in the cases when the device gets disabled by the EN pin, thermal shutdown
and undervoltage lockout. The SS pin may be left floating to disable the soft start phase and start up with the
fastest time. In zero duty cycle mode, only the pre-charge phase works during startup.
8.3.2 Current Limit Operation
The device employs a valley current sensing scheme. Switch valley current limit detection occurs during the off
time through sensing of the voltage drop across the synchronous rectifier. If the current is above the valley
current limit level when it is time to turn off the synchronous rectifier, the device instead keeps the synchronous
rectifier on until its current decreases below the valley current limit level. The maximum continuous output current
IOUT(MAX), before entering switch valley current limit operation, is defined by Equation 2.
(2)
Where
ILIM_SW = Switch valley current limit
L = Inductor value
fSW = Switching frequency
When the switch current limit is reached, the output voltage decreases from further load increase. The switch
valley current limit works in PWM, PFM and Zero Duty Cycle Mode operations.
Another current limit scheme, pre-charge current limit, ILIM_Pre is implemented. Pre-charge current limit detection
works when VOUT < VOUT_NOM and VOUT < VIN . It can happen when the device is in the pre-charge phase or an
over load condition. It impacts the minimum load resistance at startup as shown in Figure 14 and Figure 27.
8.3.3 Enable/Disable
The EN pin is connected to an ON/OFF detector (ON/OFF) and an input of the Enable Comparator, shown in the
functional block diagram. With a voltage level of 0.4 V or less at the EN pin, the ON/OFF detector turns the
device into Shutdown mode and the quiescent current is reduced to typically 1.5 uA. In this mode, the EN
comparator and the entire internal control circuitry are switched off. A voltage level of typically 0.9 V at the EN
pin triggers the ON/OFF detector and activates the internal reference, the EN comparator and the UVLO
comparator. Once the ON/OFF detector has tripped, the quiescent current into the VIN pin is typically 1.5
μA.
The TPS6123x starts regulation once the voltage at the EN pin trips the threshold VEN_TH_ON and the VIN pin
voltage is above the UVLO threshold. The device enters startup and ramps up the output voltage. The TPS6123x
stops regulation once the voltage on the EN pin falls blow the threshold VEN_TH_OFF or the VIN pin voltage falls
below the UVLO threshold. For proper operation, The EN pin must be terminated and must not be left floating.
An external logic signal applied directly to the EN pin can enable/disable the device. The device can be driven
into shutdown mode by pulling the EN pin to GND. In this mode, true load disconnect between the battery and
load prevents current flow from VIN to VOUT, as well as reverse flow from VOUT to VIN.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61230 TPS61231 TPS61232


Similar Part No. - TPS61230_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
More results

Similar Description - TPS61230_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61230 TI-TPS61230_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6123x High Efficiency Synchronous Step Up Converters with 5-A Switches
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
   5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832 Datasheet
511Kb / 12P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
19-1802; Rev 1; 10/03
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
logo
E-CMOS Corporation
EC3689 E-CMOS-EC3689 Datasheet
515Kb / 8P
   800KHz Synchronous Step-up Converter with 5.5A Switches
logo
Texas Instruments
TPS61235P TI1-TPS61235P Datasheet
1Mb / 38P
[Old version datasheet]   TPS6123x 8-A Valley Current Synchronous Boost Converters with Constant Current Output Feature
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Linear Technology
LTC3121EDE LINER-LTC3121EDE Datasheet
222Kb / 6P
   High Efficiency 15V 1.5A Synchronous Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com