Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61196PWPRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61196PWPRQ1
Description  TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61196PWPRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61196PWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS61196PWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS61196PWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS61196PWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS61196PWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS61196PWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS61196PWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS61196PWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS61196PWPRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
2 s/div
G013
ILED
100 mA/div
V
20 V/div
OUT
IFB1
10 V/div
EN
5 V/div
10 ms/div
G014
ILED
100 mA/div
V
20 V/div
OUT
IFB1
10 V/div
Fault
5 V/div
20 µs/div
G011
ILED
100 mA/div
V
(AC)
200 mV/div
OUT
IFB1
10 V/div
SW
50 V/div
2 s/div
G012
ILED
100 mA/div
V
20 V/div
OUT
IFB1
10 V/div
EN
5 V/div
40 ms/div
G009
I
1 A/div
IN
V
20 V/div
OUT
IFB1
5 V/div
EN
5 V/div
10 µs/div
G010
ILED
100 mA/div
V
(AC)
200 mV/div
OUT
IFB1
10 V/div
SW
50 V/div
TPS61196-Q1
SNVSA79 – MARCH 2015
www.ti.com
Typical Characteristics (continued)
Figure 7. Start-up Waveform (100% Dimming)
Figure 8. Dimming Waveform (0.1% Dimming)
Figure 9. Dimming Waveform (2% Dimming)
Figure 10. Shutdown Waveform (1% Dimming)
Figure 11. Shutdown Waveform (100% Dimming)
Figure 12. LED Open Protection (1% Dimming)
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS61196-Q1


Similar Part No. - TPS61196PWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196PWPR TI-TPS61196PWPR Datasheet
1Mb / 30P
[Old version datasheet]   6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
More results

Similar Description - TPS61196PWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
[Old version datasheet]   6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
logo
Monolithic Power System...
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Maxim Integrated Produc...
MAX17129 MAXIM-MAX17129 Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17129ETE MAXIM-MAX17129ETE Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com