Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM51401FA-S Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM51401FA-S
Description  Single P-channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM51401FA-S Datasheet(HTML) 1 Page - ELM Electronics

  ELM51401FA-S Datasheet HTML 1Page - ELM Electronics ELM51401FA-S Datasheet HTML 2Page - ELM Electronics ELM51401FA-S Datasheet HTML 3Page - ELM Electronics ELM51401FA-S Datasheet HTML 4Page - ELM Electronics ELM51401FA-S Datasheet HTML 5Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
ELM51401FA-S
5 -
■General description
■Features
■Maximum absolute ratings
■Thermal characteristics
Parameter
Symbol
Typ.
Max.
Unit
Maximum junction-to-ambient
Rθja
120
°C/W
Parameter
Symbol
Limit
Unit
Drain-source voltage
Vds
-20
V
Gate-source voltage
Vgs
±12
V
Continuous drain current
Ta=25°C
Id
-1.0
A
Ta=70°C
-0.6
Pulsed drain current
Idm
-6
A
Power dissipation
Tc=25°C
Pd
0.35
W
Tc=70°C
0.22
Junction and storage temperature range
Tj, Tstg
-55 to 150
°C
Pin No.
Pin name
1
GATE
2
SOURCE
3
DRAIN
ELM51401FA-S uses advanced trench technology
to provide excellent Rds(on), low gate charge and
operation with gate voltages as low as 1.8V.
• Vds=-20V
• Id=-1.0A
• Rds(on) = 600mΩ (Vgs=-4.5V)
• Rds(on) = 800mΩ (Vgs=-2.5V)
• Rds(on) = 1300mΩ (Vgs=-1.8V)
1
2
3
S
G
D
■Pin configuration
■Circuit
SC-70(TOP VIEW)
Single P-channel MOSFET
Ta=25°C. Unless otherwise noted.


Similar Part No. - ELM51401FA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM51400FA-S ELM-ELM51400FA-S Datasheet
2Mb / 6P
   Single N-channel MOSFET
ELM51402FA-S ELM-ELM51402FA-S Datasheet
1Mb / 5P
   Single N-channel MOSFET
ELM51404FA-S ELM-ELM51404FA-S Datasheet
1Mb / 5P
   Single N-channel MOSFET
More results

Similar Description - ELM51401FA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM36403EA-S ELM-ELM36403EA-S Datasheet
976Kb / 4P
   Single P-channel MOSFET
ELM36405EA-S ELM-ELM36405EA-S Datasheet
812Kb / 4P
   Single P-channel MOSFET
ELM23401CA-S ELM-ELM23401CA-S Datasheet
1Mb / 3P
   Single P-channel MOSFET
ELM340703A-N ELM-ELM340703A-N Datasheet
811Kb / 4P
   Single P-channel MOSFET
ELM53401CA-S ELM-ELM53401CA-S Datasheet
1Mb / 5P
   Single P-channel MOSFET
ELM342004A-N ELM-ELM342004A-N Datasheet
820Kb / 4P
   Single P-channel MOSFET
ELM549407A-N ELM-ELM549407A-N Datasheet
1Mb / 5P
   Single P-channel MOSFET
logo
ELM Technology Corporat...
ELM13401CA-S ELM-TECH-ELM13401CA-S Datasheet
383Kb / 4P
   Single P-channel MOSFET
ELM13405CA-S ELM-TECH-ELM13405CA-S Datasheet
391Kb / 4P
   Single P-channel MOSFET
ELM13409CA-S ELM-TECH-ELM13409CA-S Datasheet
395Kb / 4P
   Single P-channel MOSFET
ELM34401AA-N ELM-TECH-ELM34401AA-N Datasheet
433Kb / 4P
   Single P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com