Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61162 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61162
Description  TPS61162D Dual-Channel WLED Drivers for Smart Phones
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61162 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61162 Datasheet HTML 2Page - Texas Instruments TPS61162 Datasheet HTML 3Page - Texas Instruments TPS61162 Datasheet HTML 4Page - Texas Instruments TPS61162 Datasheet HTML 5Page - Texas Instruments TPS61162 Datasheet HTML 6Page - Texas Instruments TPS61162 Datasheet HTML 7Page - Texas Instruments TPS61162 Datasheet HTML 8Page - Texas Instruments TPS61162 Datasheet HTML 9Page - Texas Instruments TPS61162 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
TPS61162D
SLVSC13A – JULY 2013 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS61162D
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = 3.6 V, EN = high, PWM = high, IFB current = 20 mA, minimum and maximum values = TA = –40°C to +85°C, typical
values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Acknowledge condition active 0; this condition is only applied when the RFA bit is set to 1. To use this feature, master must have an
open drain output, and the data line must be pulled up by the master with a resistor load.
PROTECTION
ILIM
Switch MOSFET current limit
D = Dmax, 0°C to 70°C
1
1.5
2
A
ILIM_Start
Switch MOSFET start-up current limit
D = Dmax
0.7
A
tHalf_LIM
Time window for half current limit
5
ms
VOVP_SW
SW pin overvoltage threshold
25
26.5
28
V
VOVP_IFB
IFBx pin overvoltage threshold
Measured on IFBx pin
4.2
4.5
4.8
V
VACKNL
Acknowledge output voltage low(1)
Open drain, Rpullup = 15 kΩ to VIN
0.4
V
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
Thys
Thermal shutdown hysteresis
15
°C
(1)
To select EasyScale interface, after tes_delay delay from EN low to high, drive EN pin to low for more than tes_det before tes_win expires.
7.6 EasyScale Timing Requirements
MIN
MAX
UNIT
tes_delay
EasyScale detection delay, measured from EN low to high
100
µs
tes_det
EasyScale detection time, EN pin low time
260
µs
tes_win
EasyScale detection window, easured from EN low to high(1)
1
ms
tstart
Start time of program stream
2
µs
tEOS
End time of program stream
2
360
µs
tH_LB
High time of low bit (Logic 0)
2
180
µs
tL_LB
Low time of low bit (Logic 0)
2 × tH_LB
360
µs
tH_HB
High time of high bit (Logic 1)
2 × tL_HB
360
µs
tL_HB
Low time high bit (Logic 1)
2
180
µs
tvalACKN
Acknowledge valid time
2
µs
tACKN
Duration of acknowledge condition
512
µs


Similar Part No. - TPS61162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
TPS61162AYFF TI1-TPS61162AYFF Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162AYFFR TI1-TPS61162AYFFR Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
More results

Similar Description - TPS61162

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
logo
Rohm
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
   System LED Drivers for Mobile Phones
BD6184GUL ROHM-BD6184GUL Datasheet
603Kb / 38P
   System LED Drivers for Mobile Phones
logo
Shenzhen Huazhimei Semi...
HM3415 HMSEMI-HM3415 Datasheet
1Mb / 6P
   Cellular and Smart Phones
logo
Toshiba Semiconductor
TPCP8405 TOSHIBA-TPCP8405 Datasheet
353Kb / 14P
   Cell Phones Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com