Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX2FCA00 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # PX2FCA00
Description  Dual-Line PID Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PX2FCA00 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  PX2FCA00 Datasheet HTML 1Page - Red Lion Controls. Inc PX2FCA00 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAX®2C Advanced PID Controller
Red Lion PAX2 Series
Dual-Line PID Controller
Red Lion’s advanced PAX®2C PID controllers feature
field-installable option cards, universal inputs and
on-demand auto-tuning, providing full PID control
in temperature and process applications
PAX2C PID controllers offer a configurable seven zone tri-color color display with
bar graphs and selectable unit annunciators. Each display zone is independently
configurable, providing visual indication of control, process and/or alarm status.
Red Lion’s PAX2C accepts up to three field-installable cards, easily expanding
the controllers core functionality to meet any PID control application requirement.
The PAX2C can be populated in more than 150 configurations to address a wide
range of control applications or even perform multi-zone PID control on a single
display. Using Red Lion’s Crimson® software and built-in USB programming port,
configuration data can be downloaded to the PAX2C directly.
PRODUCT HIGHLIGHTS
> PID Control with Reduced Overshoot
> Universal Process, Thermocouples, RTD’s, Voltage,
Current and Resistance Input
> Programmable Dual-Line Display with Bar Graph and
Programmable Universal Annunicators
> Three slots for field-installable FlexCardmodules
> Tri-Color Display, with 7 Programmable Zones
> Up To 16 Alarms with Boolean Logic Functionality
> Built-In USB Programming port for Configuration
with Crimson Programming Software
> NEMA 4X/IP65 Sealed Front Bezel
FEATURES & BENEFITS
> Customize outputs and communication capabilities
using field installable option cards
> 1/8 DIN controller is available in vertical and
horizontal formats
> Communication and fieldbus option cards include
RS-232, RS-485, DeviceNet, and PROFIBUS®
> One model of controller and a handful of option
cards covers almost every application need
> Can be programmed to utilize Modbus protocol
DISPLAY FEATURES
1. Top Line: 4-Digit 0.51" (13.0 mm) Display
2. Visual Alarm Conditions: Red, Orange or Green
3. Custom Unit Indicators
4. Universal Annunciators
5. Tactile Feel Buttons
6. Manual and Remote Mode Mnemonics
7. Bar Graph Display
1
2
7
3
5
4
6
C
US LISTED
UL
R
3RSD
PROCESS CONTROL EQUIPMENT


Similar Part No. - PX2FCA00

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PX2FCA00 REDLION-PX2FCA00 Datasheet
315Kb / 2P
   Field-Installable FlexCard Modules
More results

Similar Description - PX2FCA00

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
PXU10020 REDLION-PXU10020 Datasheet
564Kb / 3P
   PXU PID Controller
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022_V02 Datasheet
463Kb / 1P
   Ethernet-based Dual-loop PID Controller
13-Aug-2021
ADAM-6022 ADVANTECH-ADAM-6022 Datasheet
635Kb / 1P
   Ethernet-based Dual-loop PID Controller
logo
Red Lion Controls. Inc
PXU10030 REDLION-PXU10030 Datasheet
564Kb / 3P
   PXU PID Controller
logo
SELEC Controls Pvt. Ltd
TC518 SELEC-TC518 Datasheet
707Kb / 2P
   Basic PID Temperature Controller
PID528 SELEC-PID528 Datasheet
728Kb / 2P
   Basic PID Temperature Controller
logo
FOTEK CONTROLS CO., LTD...
MT-4896-R-RS-MA FOTEK-MT-4896-R-RS-MA Datasheet
1Mb / 8P
   PIDFuzzy Temperature Controller
logo
M-System Co.,Ltd.
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200 MSYSTEM-SC200 Datasheet
530Kb / 12P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
   Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com