Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6013LFGQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN6013LFGQ
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6013LFGQ Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN6013LFGQ Datasheet HTML 1Page - Diodes Incorporated DMN6013LFGQ Datasheet HTML 2Page - Diodes Incorporated DMN6013LFGQ Datasheet HTML 3Page - Diodes Incorporated DMN6013LFGQ Datasheet HTML 4Page - Diodes Incorporated DMN6013LFGQ Datasheet HTML 5Page - Diodes Incorporated DMN6013LFGQ Datasheet HTML 6Page - Diodes Incorporated DMN6013LFGQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMN6013LFGQ
Document number: DS38870 Rev. 1 - 2
4 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMN6013LFGQ
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
0
0.004
0.008
0.012
0.016
0.02
0.024
0.028
-50
-25
0
25
50
75
100
125
150
V
= 4.5V
I = 8A
GS
D
V
=
V
I = 10A
GS
D
10
10
100
1000
10000
0
5
10 15 20 25 30 35 40 45 50 55 60
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
f = 1MHz
Ciss
Coss
Crss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
0
6
12
18
24
30
36
42
48
54
60
V
= 30V
I =
A
DS
D
10
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
R
Limited
DS(ON)
DC
P = 10s
W
P = 1s
W
P = 100ms
W
P = 10ms
W
P = 1ms
W
P = 100µs
W
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
T
= 150°C
T = 25°C
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
I
,
S
O
U
R
C
E
C
U
R
R
E
N
T
(
A
)
S
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
1.2
1.4
T = 125°C
A
T = 85°C
A
T = 150°C
A
T = -55°C
A
T = 25°C
A
T , JUNCTION TEMPERATURE ( C)
Figure 8 Gate Threshold Variation vs. Junction Temperature
J

V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(t
h
)
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I
= 250µA
D


Similar Part No. - DMN6013LFGQ

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DMN6013LFGQ LEIDITECH-DMN6013LFGQ Datasheet
1Mb / 5P
   60 N-Channel Enhancement Mode Power MOSFET
Rev : 01.0 8 .2021
More results

Similar Description - DMN6013LFGQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6004LPS DIODES-DMT6004LPS Datasheet
514Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMTH6016LPSQ DIODES-DMTH6016LPSQ Datasheet
419Kb / 7P
   60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
   60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
DMNH6042SPSQ DIODES-DMNH6042SPSQ Datasheet
542Kb / 7P
   60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
August 2016
DMP6023LFG DIODES-DMP6023LFG_15 Datasheet
502Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMG7410SFGQ DIODES-DMG7410SFGQ Datasheet
509Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
December 2014 Rev. 1 - 2
DMN6069SFG DIODES-DMN6069SFG_16 Datasheet
433Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
DMT3002LPS DIODES-DMT3002LPS Datasheet
640Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com