Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC2982 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC2982
Description  Strobe Flash & Medium Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC2982 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC2982 Datasheet HTML 1Page - Fairchild Semiconductor KSC2982 Datasheet HTML 2Page - Fairchild Semiconductor KSC2982 Datasheet HTML 3Page - Fairchild Semiconductor KSC2982 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A3, February 2003
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
* PW
≤10ms, Duty Cycle≤30%
Mounted on Ceramic Board (250mm2x0.8mm)
Electrical Characteristics T
a=25°C unless otherwise noted
hFE1 Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
30
V
VCES
Collector-Emitter Voltage
30
V
VCEO
Collector-Emitter Voltage
10
V
VEBO
Emitter Base Voltage
6
V
IC
Collector Current (DC)
2
A
ICP
* Collector Current (Pulse)
4
A
IB
Base Current (DC)
0.4
A
IBP
* Base Current (Pulse)
0.8
A
PC
PC*
Collector Power Dissipation
500
1,000
mW
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC=10mA, IB=0
10
V
BVEBO
Emitter-Base Breakdown Voltage
IE=1mA, IC=0
6
V
ICBO
Collector Cut-off Current
VCB=30V, IE=0
100
nA
IEBO
Emitter Cut-off Current
VBE=6V, IC=0
100
nA
hFE1
hFE2
DC Current Gain
VCE=1V, IC=0.5A
VCE=1V, IC=2A
140
70
140
600
VCE (sat)
Collector-Emitter Saturation Voltage
IC=2A, IB=50mA
0.2
0.5
V
VBE (on)
Base-Emitter On Voltage
VCE=1V, IC=2A
0.86
1.5
V
fT
Current Gain Bandwidth Product
VCE=1V, IC=2A
150
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
27
pF
Classification
A
B
C
D
hFE1
140 ~ 240
200 ~ 330
300 ~ 450
420 ~ 600
KSC2982
Strobe Flash & Medium Power Amplifier
• Excellent hFE Linearity : hFE1=140 ~ 600
• Low Collector-Emitter Saturation Voltage : VCE(sat)=0.5V
• Collector Dissipation : PC=1~2W in Mounted on Ceramic Board
SSX
Marking
hFE grade
1. Base 2. Collector 3. Emitter
SOT-89
1


Similar Part No. - KSC2982

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC2982 FAIRCHILD-KSC2982 Datasheet
432Kb / 5P
   NPN Epitaxial Silicon Transistor
KSC2982 FAIRCHILD-KSC2982 Datasheet
433Kb / 5P
   NPN Epitaxial Silicon Transistor
KSC2982DTF FAIRCHILD-KSC2982DTF Datasheet
433Kb / 5P
   NPN Epitaxial Silicon Transistor
KSC2982 FAIRCHILD-KSC2982_05 Datasheet
432Kb / 5P
   NPN Epitaxial Silicon Transistor
More results

Similar Description - KSC2982

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160 Datasheet
153Kb / 2P
   TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1802 TOSHIBA-2SA1802 Datasheet
87Kb / 1P
   TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
   STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242 Datasheet
150Kb / 3P
   TRANSISOTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com