Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLX-3ES Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part No. SLX-3ES
Description  SlimLine Plus Unmanaged Industrial Connectivity
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REDLION [Red Lion Controls. Inc]
Homepage  http://www.redlion.net/
Logo 

SLX-3ES Datasheet(HTML) 2 Page - Red Lion Controls. Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SLX-3ES Industrial Ethernet Media Converter Specifications
CONNECT. MONITOR. CONTROL.
www.redlion.net/sixnet
+1 (518) 877-5173 | info@redlion.net
About Red Lion
As the global experts in
communication, monitoring
and control for industrial
automation, Red Lion has been
delivering innovative solutions
to customers for forty years.
Our award-winning technology
enables companies worldwide
to gain real-time data visibility
that drives productivity. Product
brands include Red Lion, Sixnet
and N-Tron. With headquarters in
York, Pennsylvania, the company
has offices across the Americas,
Asia-Pacific and Europe. Red Lion
is a Spectris company.
For more information,
visit www.redlion.net/sixnet,
call +1 (518) 877-5173 or
email info@redlion.net
© 2012 Red Lion Controls. All Rights Reserved. JUN2012
SPECIFICATIONS
Ethernet Performance
• Type: Unmanaged
• Operation: store and forward wire-speed
switching, non-blocking
• Modes: full or half duplex operation with
flow control on all ports
• MAC addresses: 1,024
• Memory bandwidth: 3.2 Gbps
• Latency (typical): (plus frame time)
– 5 uS for 100 Mbps
– 16 uS for 10 Mbps
• Ethernet isolation: 1,500 Vrms 1 minute
RJ45 Copper Ports
• 2 RJ45 ports fully IEEE 802.3 compliant
• Speed (10/100) and duplex settings
(full or half): auto-detecting or manually
configurable
• Auto-MDI/MDIX-crossover
automatically supports either straight or
crossed cables
• Auto-polarity for automatic correction of
crossed TD and RD pairs
Fiber Optic Ports
• 1 100 Mbps fiber optic ports
• Connector style: SC or ST
• Multimode: links up to 4 km typical; use
with 50-62.5/125 micron fiber
• Singlemode: links up to 120 km typical;
use with 9/125 micron fiber
Power Input
• Dual power inputs for redundant power
• Reverse polarity protection
• Input voltage range: 10 to 30 VDC
• Power consumption (typical with all ports
linked and active): 3.0 W
• Transient protection: 15,000 W peak
• Spike protection: 5,000 W (10 times for 10 uS)
Environmental
• Operating temperature: -40 to 85°C
• Cold startup: -40°C
• Storage temperature: -40 to 85°C
• Humidity: 5 to 95% RH (non-condensing;
conformal coating optional)
• Shock and vibration: IEC60068-2-6 and -27
• Maximum Operating Altitude: 30,000 ft.
Standards & Compliance
• Standards: IEEE 802.3, 802.3u, 802.3x,
802.1D/w, 802.1p and 802.1Q
• Electrical safety: UL508, CSA C22.2/14;
EN61010-1, CE
• EMC: FCC part 15, ICES-003; EN610006-
2/4, CE
• Hazardous locations: UL1604, CSA
C22.2/213 (Class I, Div 2); EN60079-15
(Zone 2; Category 3), CE (ATEX)
• Marine/maritime/offshore rated per ABS
• NEMA TS-2 for traffic control systems
• MTBF: >2MM hours GB @ 40°C per
MIL-HNDBK-217F2
• RoHs and WEEE compliant
Mechanical
• Material: corrosion-resistant aluminum
• Ingress protection: IP40
• Mounting: DIN-rail or direct-to-panel
• Weight: 6 oz (0.17 kg)
• Dimensions: 3” x 1” x 4.50”
(7.62cm x 2.54cm x 11.43cm)
Warranty
• 5 years on design and manufacturing defects
SLX-3ES Industrial Ethernet Media Converter
SlimLine Plus Unmanaged Industrial Connectivity
All specifications are subject to change.
Contact Sixnet to learn more.
PART NUMBER
DESCRIPTION
SLX-3ES-2SC
2 RJ45 ports and 1 multimode fiber SC, 4 km
SLX-3ES-2ST
2 RJ45 ports and 1 multimode fiber ST, 4 km
SLX-3ES-3SC
2 RJ45 ports and 1 singlemode fiber SC, 20+ km
SLX-3ES-3ST
2 RJ45 ports and 1 singlemode fiber ST, 20+ km
SLX-3ES-3SCL
2 RJ45 ports and 1 singlemode fiber SC, 40+ km
SLX-3ES-3STL
2 RJ45 ports and 1 singlemode fiber ST, 40+ km
ORDER GUIDE
CONNECT. MONITOR. CONTROL.
www.redlion.net/sixnet
+1 (518) 877-5173 | info@redlion.net
About Red Lion
As the global experts in
communication, monitoring
and control for industrial
automation, Red Lion has been
delivering innovative solutions
to customers for forty years.
Our award-winning technology
enables companies worldwide
to gain real-time data visibility
that drives productivity. Product
brands include Red Lion, Sixnet
and N-Tron. With headquarters in
York, Pennsylvania, the company
has offices across the Americas,
Asia-Pacific and Europe. Red Lion
is a Spectris company.
For more information,
visit www.redlion.net/sixnet,
call +1 (518) 877-5173 or
email info@redlion.net
© 2012 Red Lion Controls. All Rights Reserved. JUN2012
SPECIFICATIONS
Ethernet Performance
• Type: Unmanaged
• Operation: store and forward wire-speed
switching, non-blocking
• Modes: full or half duplex operation with
flow control on all ports
• MAC addresses: 1,024
• Memory bandwidth: 3.2 Gbps
• Latency (typical): (plus frame time)
– 5 uS for 100 Mbps
– 16 uS for 10 Mbps
• Ethernet isolation: 1,500 Vrms 1 minute
RJ45 Copper Ports
• 2 RJ45 ports fully IEEE 802.3 compliant
• Speed (10/100) and duplex settings
(full or half): auto-detecting or manually
configurable
• Auto-MDI/MDIX-crossover
automatically supports either straight or
crossed cables
• Auto-polarity for automatic correction of
crossed TD and RD pairs
Fiber Optic Ports
• 1 100 Mbps fiber optic ports
• Connector style: SC or ST
• Multimode: links up to 4 km typical; use
with 50-62.5/125 micron fiber
• Singlemode: links up to 120 km typical;
use with 9/125 micron fiber
Power Input
• Dual power inputs for redundant power
• Reverse polarity protection
• Input voltage range: 10 to 30 VDC
• Power consumption (typical with all ports
linked and active): 3.0 W
• Transient protection: 15,000 W peak
• Spike protection: 5,000 W (10 times for 10 uS)
Environmental
• Operating temperature: -40 to 85°C
• Cold startup: -40°C
• Storage temperature: -40 to 85°C
• Humidity: 5 to 95% RH (non-condensing;
conformal coating optional)
• Shock and vibration: IEC60068-2-6 and -27
• Maximum Operating Altitude: 30,000 ft.
Standards & Compliance
• Standards: IEEE 802.3, 802.3u, 802.3x,
802.1D/w, 802.1p and 802.1Q
• Electrical safety: UL508, CSA C22.2/14;
EN61010-1, CE
• EMC: FCC part 15, ICES-003; EN610006-
2/4, CE
• Hazardous locations: UL1604, CSA
C22.2/213 (Class I, Div 2); EN60079-15
(Zone 2; Category 3), CE (ATEX)
• Marine/maritime/offshore rated per ABS
• NEMA TS-2 for traffic control systems
• MTBF: >2MM hours GB @ 40°C per
MIL-HNDBK-217F2
• RoHs and WEEE compliant
Mechanical
• Material: corrosion-resistant aluminum
• Ingress protection: IP40
• Mounting: DIN-rail or direct-to-panel
• Weight: 6 oz (0.17 kg)
• Dimensions: 3” x 1” x 4.50”
(7.62cm x 2.54cm x 11.43cm)
Warranty
• 5 years on design and manufacturing defects
SLX-3ES Industrial Ethernet Media Converter
SlimLine Plus Unmanaged Industrial Connectivity
All specifications are subject to change.
Contact Sixnet to learn more.
PART NUMBER
DESCRIPTION
SLX-3ES-2SC
2 RJ45 ports and 1 multimode fiber SC, 4 km
SLX-3ES-2ST
2 RJ45 ports and 1 multimode fiber ST, 4 km
SLX-3ES-3SC
2 RJ45 ports and 1 singlemode fiber SC, 20+ km
SLX-3ES-3ST
2 RJ45 ports and 1 singlemode fiber ST, 20+ km
SLX-3ES-3SCL
2 RJ45 ports and 1 singlemode fiber SC, 40+ km
SLX-3ES-3STL
2 RJ45 ports and 1 singlemode fiber ST, 40+ km
ORDER GUIDE
CONNECT. MONITOR. CONTROL.
www.redlion.net/sixnet
+1 (518) 877-5173 | info@redlion.net
About Red Lion
As the global experts in
communication, monitoring
and control for industrial
automation, Red Lion has been
delivering innovative solutions
to customers for forty years.
Our award-winning technology
enables companies worldwide
to gain real-time data visibility
that drives productivity. Product
brands include Red Lion, Sixnet
and N-Tron. With headquarters in
York, Pennsylvania, the company
has offices across the Americas,
Asia-Pacific and Europe. Red Lion
is a Spectris company.
For more information,
visit www.redlion.net/sixnet,
call +1 (518) 877-5173 or
email info@redlion.net
© 2012 Red Lion Controls. All Rights Reserved. JUN2012
SPECIFICATIONS
Ethernet Performance
• Type: Unmanaged
• Operation: store and forward wire-speed
switching, non-blocking
• Modes: full or half duplex operation with
flow control on all ports
• MAC addresses: 1,024
• Memory bandwidth: 3.2 Gbps
• Latency (typical): (plus frame time)
– 5 uS for 100 Mbps
– 16 uS for 10 Mbps
• Ethernet isolation: 1,500 Vrms 1 minute
RJ45 Copper Ports
• 2 RJ45 ports fully IEEE 802.3 compliant
• Speed (10/100) and duplex settings
(full or half): auto-detecting or manually
configurable
• Auto-MDI/MDIX-crossover
automatically supports either straight or
crossed cables
• Auto-polarity for automatic correction of
crossed TD and RD pairs
Fiber Optic Ports
• 1 100 Mbps fiber optic ports
• Connector style: SC or ST
• Multimode: links up to 4 km typical; use
with 50-62.5/125 micron fiber
• Singlemode: links up to 120 km typical;
use with 9/125 micron fiber
Power Input
• Dual power inputs for redundant power
• Reverse polarity protection
• Input voltage range: 10 to 30 VDC
• Power consumption (typical with all ports
linked and active): 3.0 W
• Transient protection: 15,000 W peak
• Spike protection: 5,000 W (10 times for 10 uS)
Environmental
• Operating temperature: -40 to 85°C
• Cold startup: -40°C
• Storage temperature: -40 to 85°C
• Humidity: 5 to 95% RH (non-condensing;
conformal coating optional)
• Shock and vibration: IEC60068-2-6 and -27
• Maximum Operating Altitude: 30,000 ft.
Standards & Compliance
• Standards: IEEE 802.3, 802.3u, 802.3x,
802.1D/w, 802.1p and 802.1Q
• Electrical safety: UL508, CSA C22.2/14;
EN61010-1, CE
• EMC: FCC part 15, ICES-003; EN610006-
2/4, CE
• Hazardous locations: UL1604, CSA
C22.2/213 (Class I, Div 2); EN60079-15
(Zone 2; Category 3), CE (ATEX)
• Marine/maritime/offshore rated per ABS
• NEMA TS-2 for traffic control systems
• MTBF: >2MM hours GB @ 40°C per
MIL-HNDBK-217F2
• RoHs and WEEE compliant
Mechanical
• Material: corrosion-resistant aluminum
• Ingress protection: IP40
• Mounting: DIN-rail or direct-to-panel
• Weight: 6 oz (0.17 kg)
• Dimensions: 3” x 1” x 4.50”
(7.62cm x 2.54cm x 11.43cm)
Warranty
• 5 years on design and manufacturing defects
SLX-3ES Industrial Ethernet Media Converter
SlimLine Plus Unmanaged Industrial Connectivity
All specifications are subject to change.
Contact Sixnet to learn more.
PART NUMBER
DESCRIPTION
SLX-3ES-2SC
2 RJ45 ports and 1 multimode fiber SC, 4 km
SLX-3ES-2ST
2 RJ45 ports and 1 multimode fiber ST, 4 km
SLX-3ES-3SC
2 RJ45 ports and 1 singlemode fiber SC, 20+ km
SLX-3ES-3ST
2 RJ45 ports and 1 singlemode fiber ST, 20+ km
SLX-3ES-3SCL
2 RJ45 ports and 1 singlemode fiber SC, 40+ km
SLX-3ES-3STL
2 RJ45 ports and 1 singlemode fiber ST, 40+ km
ORDER GUIDE
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.
ADLD0209 041615 ©2015 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn