Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3V3M1U2S9-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # D3V3M1U2S9-7
Description  3.3V UNIDIRECTIONAL TVS DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3V3M1U2S9-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  D3V3M1U2S9-7 Datasheet HTML 1Page - Diodes Incorporated D3V3M1U2S9-7 Datasheet HTML 2Page - Diodes Incorporated D3V3M1U2S9-7 Datasheet HTML 3Page - Diodes Incorporated D3V3M1U2S9-7 Datasheet HTML 4Page - Diodes Incorporated D3V3M1U2S9-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
D3V3M1U2S9
Document number: DS37523 Rev. 1 - 2
4 of 5
www.diodes.com
July 2015
© Diodes Incorporated
D3V3M1U2S9
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for latest version.
SOD923
(0.3mm Lead Width)
Dim
Min
Max
Typ
A
0.34
 0.40
0.37
b
0.25
0.35
0.30
c
0.05
0.15
0.10
D
0.55
0.65
0.60
E
0.75
0.85
0.80
He
0.95
1.05
1.00
L
0.05
0.15
0.10
L2
0.190 REF
a1
a2
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.900
X
0.400
Y
0.600
b(2x)
E
He
D
c
L
a2
L2
A
A
X
Y
C
X


Similar Part No. - D3V3M1U2S9-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3M1U2LP3 DIODES-D3V3M1U2LP3 Datasheet
307Kb / 5P
   3.3V UNIDIRECTIONAL TVS DIODE
D3V3M1U2LP3-7 DIODES-D3V3M1U2LP3-7 Datasheet
307Kb / 5P
   3.3V UNIDIRECTIONAL TVS DIODE
More results

Similar Description - D3V3M1U2S9-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D3V3M1U2LP3 DIODES-D3V3M1U2LP3 Datasheet
307Kb / 5P
   3.3V UNIDIRECTIONAL TVS DIODE
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
   UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
   UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
   Unidirectional TVS Diode
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
   UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Yea Shin Technology Co....
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SDA0301P LEIDITECH-SDA0301P Datasheet
635Kb / 3P
   UNIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com