Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ45-DB9F-CBL Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # RJ45-DB9F-CBL
Description  Managed Gigabit Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

RJ45-DB9F-CBL Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  RJ45-DB9F-CBL Datasheet HTML 1Page - Red Lion Controls. Inc RJ45-DB9F-CBL Datasheet HTML 2Page - Red Lion Controls. Inc RJ45-DB9F-CBL Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SLX-18MG Industrial Ethernet Switch Specifications
DIMENSIONS in inches (mm)
NETWORK MEDIA
10BaseT: ≥ Cat3 cable
100BaseTX: ≥ Cat5 cable
1000BaseT: ≥ Cat5e cable
100Base, 1000BaseSX Multimode: 50-62.5/125μm
100Base, 1000BaseLX Singlemode: 7-10/125μm
RECOMMENDED WIRING CLEARANCE
Front: 4” (10.2 cm)
Top: 4” (10.2 cm)
ENVIRONMENTAL
Operating Temperature: -40°C to 75°C
Storage Temperature: -40°C to 85°C
Operating Humidity: 5% to 95% (non condensing)
Operating Altitude: 0 to 30,000 ft.
Shock and Vibration: IEC 60068-2-6 and -27
CERTIFICATION & COMPLIANCE
Electrical Safety: UL508/CSA C22.2/142; EN61010-1, CE
EMI Emissions: FCC part 15, ICES-003; EN6100-6-4, CE
EMC Immunity: IEC6100-6-2, CE
Hazardous Locations: ANSI/ISA 12.12.01, CSA C22.2/213
(Class 1, Division 2); EN60079-15 (zone 2; category 3), CE (ATEX)
Marine: Offshore rated per ABS
Eye Safety (Fiber Models): IEC60825-1, Class 1; FDA 21 CFR 1040.10
and 1040.11
MECHANICAL
Case Dimensions:
Height: 5.52” (14.02 cm)
Width: 2.88” (7.31 cm)
Depth: 4.30” (10.92 cm)
Weight: 12.0 oz (0.34 kg)
Mount: DIN rail (35 mm) and panel mount
WARRANTY
5 Years on Design and Manufacturing Defects
SWITCH PROPERTIES
Operation: Managed
Number of MAC Addresses: 8192
IEEE Compliance: 802.3, 802.3u, 802.3x, 802.1D/w,
802.1p, 802.1Q and 802.1x
Industrial Connectivity: Modbus registers for port,
power and ring status
Latency (Typical): 5 μs + frame time
Switching Method: Store-and-Forward
LED Status Indicators
Configurable Alarm Contact
Supports Full/Half Duplex Operation
Maximum Throughput: Up to 7.2 Gb/s
MDIX Auto Sensing Cable
Auto Sensing Speed and Flow Control
Communications: Full Wire Speed
MTBF: > 900k hours GB @ 40°C per MIL HNDBK-217F2
POWER INPUT
Input Voltage Range: Dual 10-30 VDC power inputs
Input Power (Typical):
8 W (without fiber)
10 W (with fiber)
Transient Protection (Peak): 15,000 watts
Spike Protection: 5,000 watts (10 times for 10 us)
CONNECTORS
10/100Base-T: Sixteen (16) RJ-45 ports
10/100/1000Base-T: Two (2) RJ-45 port
SFP Combo Ports:
100Base SX/LX SFP: Up to two (2) LC fiber ports
1000Base SX/LX SFP: Up to two (2) LC fiber ports
Configuration Port: One (1) RS-232 (RJ-45) and one (1) USB (mini)


Similar Part No. - RJ45-DB9F-CBL

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
RJ45-DB9F-CBL REDLION-RJ45-DB9F-CBL Datasheet
394Kb / 3P
   Managed Fast Ethernet Switch
RJ45-DB9F-CBL REDLION-RJ45-DB9F-CBL Datasheet
394Kb / 3P
   Managed Gigabit Ethernet Switch
RJ45-DB9F-CBL REDLION-RJ45-DB9F-CBL Datasheet
438Kb / 3P
   Managed Gigabit Ethernet Switch
RJ45-DB9F-CBL REDLION-RJ45-DB9F-CBL Datasheet
386Kb / 3P
   Managed Fast Ethernet Switch with Telephone Modem
RJ45-DB9F-CBL REDLION-RJ45-DB9F-CBL Datasheet
388Kb / 3P
   Managed Fast Ethernet Switches
More results

Similar Description - RJ45-DB9F-CBL

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
   Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
   Managed Gigabit Ethernet Switch
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
logo
Weidmuller
1241370000 WEIDMULLER-1241370000 Datasheet
250Kb / 5P
   Network switch, managed, Gigabit Ethernet
logo
Red Lion Controls. Inc
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
   Managed Gigabit Industrial Ethernet Switch
logo
Weidmuller
2682340000 WEIDMULLER-2682340000 Datasheet
155Kb / 5P
   Network switch, managed, Gigabit Ethernet
November 4, 2021
logo
Red Lion Controls. Inc
NT24K-11GX3 REDLION-NT24K-11GX3 Datasheet
557Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
NT24K-11FX3 REDLION-NT24K-11FX3 Datasheet
552Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com