Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B360BQ-13-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. B360BQ-13-F
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B360BQ-13-F Datasheet(HTML) 1 Page - Diodes Incorporated

  B360BQ-13-F Datasheet HTML 1Page - Diodes Incorporated B360BQ-13-F Datasheet HTML 2Page - Diodes Incorporated B360BQ-13-F Datasheet HTML 3Page - Diodes Incorporated B360BQ-13-F Datasheet HTML 4Page - Diodes Incorporated B360BQ-13-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
B340BQ-B360BQ
Document number: DS38538 Rev. 2 - 2
1 of 5
www.diodes.com
January 2016
© Diodes Incorporated
B340BQ-B360BQ
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Product Summary (@+25°C)
B340BQ
VRRM (V)
IO (A)
VF Max (V)
IR Max (mA)
40
3.0
0.5
0.5
B360BQ
VRRM (V)
IO (A)
VF Max (V)
IR Max (mA)
60
3.0
0.7
0.5
Description and Applications
This Schottky Barrier Rectifier is designed to meet the general
requirements of commercial applications. It is ideally suited for use
as:
Polarity Protection Diode
Re-Circulating Diode
Switching Diode
Features and Benefits
Guard Ring Die Construction for Transient Protection
Ideally Suited for Automated Assembly
Low Power Loss, High Efficiency
Surge Overload Rating to 125A Peak
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SMB
Case Material: Molded Plastic. "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.093 grams (Approximate)
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
B340BQ-13-F
Automotive
SMB
3000/Tape & Reel
B360BQ-13-F
Automotive
SMB
3000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
B3X0B = Product Type Marking Code, ex: B340B
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 5 for 2015)
WW = Week Code (01 to 53)
Green


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn