Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F2G08U0M Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9F2G08U0M
Description  FLASH MEMORY
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2G08U0M Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9F2G08U0M Datasheet HTML 6Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 7Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 8Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 9Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 10Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 11Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 12Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 13Page - Samsung semiconductor K9F2G08U0M Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
FLASH MEMORY
10
Preliminary
K9F2G08Q0M K9F2G16Q0M
K9F2G08U0M K9F2G16U0M
CAPACITANCE(TA=25
°C, VCC=1.8V/3.3V, f=1.0MHz)
NOTE : Capacitance is periodically sampled and not 100% tested.
Item
Symbol
Test Condition
Min
Max
Unit
Input/Output Capacitance
CI/O
VIL=0V
-
10
pF
Input Capacitance
CIN
VIN=0V
-
10
pF
VALID BLOCK
NOTE :
1. The
device may include invalid blocks when first shipped. Additional invalid blocks may develop while being used. The number of valid blocks is pre-
sented with both cases of invalid blocks considered. Invalid blocks are defined as blocks that contain one or more bad bits
. Do not erase or pro-
gram factory-marked bad blocks. Refer to the attached technical notes for appropriate management of invalid blocks.
2. The 1st block, which is placed on 00h block address, is guaranteed to be a valid block, does not require Error Correction up to 1K program/erase
cycles.
Parameter
Symbol
Min
Typ.
Max
Unit
Valid Block Number
NVB
2,008
-
2,048
Blocks
AC TEST CONDITION
(K9F2GXXX0M-XCB0 :TA=0 to 70
°C, K9F2GXXX0M-XIB0:TA=-40 to 85°C
K9F2GXXQ0M : Vcc=1.70V~1.95V , K9F2GXXU0M : Vcc=2.7V~3.6V unless otherwise noted)
Parameter
K9F2GXXQ0M
K9F2GXXU0M
Input Pulse Levels
0V to Vcc
0V to Vcc
Input Rise and Fall Times
5ns
5ns
Input and Output Timing Levels
Vcc/2
Vcc/2
Output Load
1 TTL GATE and CL=30pF
1 TTL GATE and CL=50pF
Program / Erase Characteristics
NOTE : 1. Max. time of
tCBSY depends on timing between internal program completion and data in
Parameter
Symbol
Min
Typ
Max
Unit
Program Time
tPROG
-
300
700
µs
Dummy Busy Time for Cache Program
tCBSY
3
700
µs
Number of Partial Program Cycles
in the Same Page
Main Array
Nop
-
-
4
cycles
Spare Array
-
-
4
cycles
Block Erase Time
tBERS
-
2
3
ms
MODE SELECTION
NOTE : 1. X can be VIL or VIH.
2. WP and PRE should be biased to CMOS high or CMOS low for standby.
CLE
ALE
CE
WE
RE
WP
PRE
Mode
H
L
L
H
X
X
Read Mode
Command Input
L
H
L
H
X
X
Address Input(5clock)
H
L
L
H
H
X
Write Mode
Command Input
L
H
L
H
H
X
Address Input(5clock)
L
L
L
H
H
X
Data Input
L
L
L
H
X
X
Data Output
X
X
X
X
H
X
X
During Read(Busy)
X
X
X
X
X
H
X
During Program(Busy)
X
X
X
X
X
H
X
During Erase(Busy)
X
X(1)
X
X
X
L
X
Write Protect
X
X
H
X
X
0V/VCC(2)
0V/VCC(2)
Stand-by


Similar Part No. - K9F2G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08U0M SAMSUNG-K9F2G08U0M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F2G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com