Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7008S25GB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7008S25GB
Description  HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7008S25GB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7008S25GB Datasheet HTML 1Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 2Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 3Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 4Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 5Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 6Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 7Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 8Page - Integrated Device Technology IDT7008S25GB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
IDT7008S/L
High-Speed 64K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
Description
The IDT7008 is a high-speed 64K x 8 Dual-Port Static RAM. The
IDT7008isdesignedtobeusedasastand-alone512K-bitDual-PortRAM
or as a combination MASTER/SLAVE Dual-Port RAM for 16-bit-or-more
wordsystems.UsingtheIDTMASTER/SLAVEDual-PortRAMapproach
in 16-bit or wider memory system applications results in full-speed, error-
free operation without the need for additional discrete logic.
This device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power down
feature controlled by the chip enables (
CE0andCE1)permittheon-chip
circuitry of each port to enter a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 750mW of power.
The IDT7008 is packaged in a 84-pin Ceramic Pin Grid Array (PGA),
a 84-pin Plastic Leadless Chip Carrier (PLCC) and a 100-pin Thin Quad
Flatpack (TQFP).
NOTES:
1. This text does not indicate orientation of the actual part marking.
2. All Vcc pins must be connected to power supply.
3. Package body is approximately 1.15 in x 1.15 in x .17 in.
4. This package code is used to reference the package diagram.
5. All GND pins must be connected to ground supply.
Pin Configurations(1,2,3)
NC
GND
I/O6R
I/O5R
I/O4R
I/O3R
Vcc
I/O2R
I/O0R
I/O0L
I/O1L
GND
I/O2L
I/O4L
I/O5L
I/O6L
I/O7L
I/O3L
I/O1R
I/O7R
Vcc
A6R
A5R
A4R
A3R
A2R
A1R
A0R
INTR
BUSYR
M/
S
BUSYL
INTL
NC
A0L
A2L
A3L
A5L
A6L
A1L
A4L
GND
14
15
16
17
18
19
20
INDEX
21
22
23
24
11 10 9
8 7
6 5
4 3
2 1 84 83
33 34 35 36 37 38 39 40 41 42 43 44 45
13
12
25
26
27
28
29
30
31
32
46 47 48 49 50 51 52 53
72
71
70
69
68
67
66
65
64
63
62
73
74
61
60
59
58
57
56
55
54
82 81 80 79 78 77 76 75
IDT7008J
J84-1(4)
84-Pin PLCC
Top View(5)
3198 drw 02
,


Similar Part No. - IDT7008S25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7008S25GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
   HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com