Electronic Components Datasheet Search |
|
AH3377-P-B Datasheet(PDF) 3 Page - Diodes Incorporated |
|
AH3377-P-B Datasheet(HTML) 3 Page - Diodes Incorporated |
3 / 15 page AH3377 Document number: DS38920 Rev. 1 - 2 3 of 15 www.diodes.com July 2016 © Diodes Incorporated AH3377 Absolute Maximum Ratings (Note 5 & 6) (@TA = +25°C, unless otherwise specified.) Symbol Characteristic Value Unit VDD Supply Voltage (Note 6) 32 V VDDR Reverse Supply Voltage (Note 6) -32 V VOUT_MAX Output Off Voltage (Note 6) 32 V IOUT Continuous Output Current 60 mA IOUT_R Reverse Output Current -50 mA B Magnetic Flux Density Unlimited PD Package Power Dissipation SIP-3 (Ammo Pack), SIP-3 (Bulk Pack) 550 mW SC59 and SOT23 230 Ts Storage Temperature Range -65 to +165 C TJ Maximum Junction Temperature +150 C ESD HBM Electros Static Discharge Withstand - Human Body Model (HMB) 6 kV Notes: 5. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only; functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time. 6. The absolute maximum VDD of 32V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to operate the device at the absolute maximum rated conditions for any period of time. Recommended Operating Conditions (@TA = -40°C to +125°C, unless otherwise specified.) Symbol Parameter Condition Rating Unit VDD Supply Voltage Operating 3.0 to 28 V TA Operating Temperature Range Operating -40 to +125 C Electrical Characteristics (Note 7 & 8) (@TA = -40°C to +125°C, V DD = 3V to 28V, unless otherwise specified.) Symbol Parameter Condition Min Typ Max Unit VOUT_ON Output ON Voltage IOUT = 20mA, B > BOP - 0.2 0.4 V ILKG Output Leakage Current (When output is off) VOUT = 28V, B < BRP, Output off - <0.1 10 µA IDD Supply Current Output open, TA = +25C - 3 3.5 mA Output open, TA = -40C to +125C - - 4 mA IDD_R Reverse Supply Current VDD = -18V, TA = -40C to +125C - -0.01 1 mA VDD = -28V, TA = -40C to +125C - -0.01 1.5 mA tP_ON Device Power-On Time (Start-up time) VDD >= 3V, B > BOP (Note 7) - 10 - µs fC Chopping Frequency - - 800 - kHz tD Response Time Delay (Time from magnetic threshold reached to the start of the output rise or fall) (Note 9) - 3.75 - µs tR Output Rising Time (External pull-up resistor RL and load capacitance dependent) RL = 1kΩ, CL = 20pF - 0.2 1 µs tF Output Falling Time (Internal switch resistance and load capacitance dependent) RL = 1kΩ, CL = 20pF - 0.1 1 µs IOCL Output Current Limit B > BOP (Note 10 ) 30 - 55 mA VZ Zener Clamp Voltage IDD = 5mA 28 - - V Notes: 7. When power is initially turned on, VDD must be within its correct operating range (3.0V to 28V) to guarantee the output sampling. The output state is valid after the start-up time of 10 s typical from the operating voltage reaching 3V. 8. Typical values are defined at TA = +25C, VDD = 12V. Maximum and minimum values over the operating temperature range is not tested in production but guaranteed by design, process control and characterization. 9. Guaranteed by design, process control and characterization, Not tested in production. 10. The device will limit the output current IOUT to current limit of IOCL. |
Similar Part No. - AH3377-P-B |
|
Similar Description - AH3377-P-B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |