Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH3372-P-B Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AH3372-P-B
Description  HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3372-P-B Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AH3372-P-B Datasheet HTML 7Page - Diodes Incorporated AH3372-P-B Datasheet HTML 8Page - Diodes Incorporated AH3372-P-B Datasheet HTML 9Page - Diodes Incorporated AH3372-P-B Datasheet HTML 10Page - Diodes Incorporated AH3372-P-B Datasheet HTML 11Page - Diodes Incorporated AH3372-P-B Datasheet HTML 12Page - Diodes Incorporated AH3372-P-B Datasheet HTML 13Page - Diodes Incorporated AH3372-P-B Datasheet HTML 14Page - Diodes Incorporated AH3372-P-B Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AH3372
Document number: DS38874 Rev. 1 - 2
11 of 15
www.diodes.com
July 2016
© Diodes Incorporated
AH3372
Package Outline Dimensions (Cont.) (All dimensions in mm.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(2) Package Type: SOT23
1.4/1.5
Hall Sensor
PART
MARKING
SURFACE
Min/Max
Pin1
Die
Sensor Location
– To be updated
J
K1
K
L1
GAUGE PLANE
0.25
H
L
M
All 7°
A
C
B
D
G
F
a
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.890
1.00
0.975
K1
0.903
1.10
1.025
L
0.45
0.61
0.55
L1
0.25
0.55
0.40
M
0.085
0.150
0.110
a
--
All Dimensions in mm


Similar Part No. - AH3372-P-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3372 DIODES-AH3372 Datasheet
797Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3372 DIODES-AH3372_18 Datasheet
797Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
More results

Similar Description - AH3372-P-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3372 DIODES-AH3372_18 Datasheet
797Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3373 DIODES-AH3373 Datasheet
834Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3373 DIODES-AH3373_18 Datasheet
892Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3376 DIODES-AH3376 Datasheet
840Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3377 DIODES-AH3377_18 Datasheet
827Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3376 DIODES-AH3376_18 Datasheet
826Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3377 DIODES-AH3377 Datasheet
838Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3360 DIODES-AH3360 Datasheet
393Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
logo
Taiwan Semiconductor Co...
TSH282 TSC-TSH282 Datasheet
333Kb / 8P
   Sensitivity Unipolar Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com