Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I5116S Datasheet(PDF) 11 Page - Winbond

Part # I5116S
Description  SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

I5116S Datasheet(HTML) 11 Page - Winbond

Back Button I5116S Datasheet HTML 7Page - Winbond I5116S Datasheet HTML 8Page - Winbond I5116S Datasheet HTML 9Page - Winbond I5116S Datasheet HTML 10Page - Winbond I5116S Datasheet HTML 11Page - Winbond I5116S Datasheet HTML 12Page - Winbond I5116S Datasheet HTML 13Page - Winbond I5116S Datasheet HTML 14Page - Winbond I5116S Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
ISD5100 – SERIES
Publication Release Date: October, 2003
- 11 -
Revision 0.2
operation, voice from Mic inputs are fed to AUX OUT and transmitted to the phone line, while
message from other party is input from the AUX IN, then fed through to the speaker for listening.
The ISD5100 device has the flexibility for other applications, because the audio paths can be
configured differently, with each circuit block being powered-up or –down individually, according to the
applications requirement.
7.2.1. Internal Registers
The ISD5100 Series have multiple internal registers that are used to store the address information and
the configuration or set-up of the device. The two 16-bit configuration registers control the audio paths
through the device, the sample frequency, the various gains and attenuations, power up and down of
different sections, and the volume settings. These registers are discussed in detail in section 7.3.5.
7.2.2. Memory Architecture
The ISD5100 Series memory array are arranged in various pages (or rows) of each 2048 bits as
follows. The primary addressing for the pages are handled by 11 bits of address input in the analog
mode.
A memory page is 2048 bits organized as thirty-two 64-bit "blocks" when used for digital storage. The
contents of a page are either analog or digital. This is determined by instruction (opcode) at the time
the data is written. A record of where is analog and where is digital, is stored in a message address
table (MAT) by the system microcontroller. The MAT is a table kept in the microcontroller memory that
defines the status of each message “page”. It can be stored back into the ISD5100 Series if the power
fails or the system is turned off. Using this table allows efficient message management. Segments of
messages can be stored wherever there is available space in the memory array. [This is explained in
detail for the ISD5008 in Applications Note #9 and will be similarly described in a later Note for the
ISD5100-Series.]
Products
Pages (Rows)
Bits/Page
Memory Size
ISD5116
2048
2048
4,194,304 bits
ISD5108
1024
2048
2,097,152 bits
ISD5104
512
2048
1,048,576 bits
ISD5102
256
2048
524,288 bits
When a page is used for analog storage, the same 32 blocks are present but there are 8 EOM (End-
of-Message) markers. This means that for each 4 blocks there is an EOM marker at the end. Thus,
when recording, the analog recording will stop at any one of eight positions. At 8 kHz sampling
frequency, this results in a resolution of 32 msec when ENDING an analog recording. Beginning an
analog recording is limited to the 256 msec resolution provided by the 11-bit address. A recording
does not immediately stop when the Stop command is given, but continues until the 32 millisecond
block is filled. Then a bit is placed in the EOM memory to develop the interrupt that signals a
message is finished playing in the Playback mode.


Similar Part No. - I5116S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
I5116SY NUVOTON-I5116SY Datasheet
678Kb / 90P
   SINGLE-CHIP
I5116SYI NUVOTON-I5116SYI Datasheet
678Kb / 90P
   SINGLE-CHIP
More results

Similar Description - I5116S

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100 Datasheet
1Mb / 87P
   SINGLE-CHIP 1TO16 MINUTES DURATION VOICE RECORD/PLAYBAC VOICE DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
Winbond
ISD5116 WINBOND-ISD5116 Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com