Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL85412 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL85412
Description  Wide VIN 150mA Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85412 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL85412 Datasheet HTML 1Page - Intersil Corporation ISL85412 Datasheet HTML 2Page - Intersil Corporation ISL85412 Datasheet HTML 3Page - Intersil Corporation ISL85412 Datasheet HTML 4Page - Intersil Corporation ISL85412 Datasheet HTML 5Page - Intersil Corporation ISL85412 Datasheet HTML 6Page - Intersil Corporation ISL85412 Datasheet HTML 7Page - Intersil Corporation ISL85412 Datasheet HTML 8Page - Intersil Corporation ISL85412 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ISL85412
4
FN8378.1
March 13, 2015
Submit Document Feedback
Functional Block Diagram
GATE
DRIVE
AND
DEADTIME
BIAS
LDO
OSCILLATOR
PFM
CURRENT
SET
FAULT
LOGIC
450mV/T SLOPE
COMPENSATION
(PWM ONLY)
930mV/A
CURRENT
SENSE
PWM/PFM
SELECT LOGIC
ZERO CURRENT
DETECTION
PWM
PWM
600mV VREF
150k
54pF
INTERNAL
COMPENSATION
s
R
Q
Q
POWER-
GOOD
LOGIC
FB
INTERNAL = 50µs
5M
5M
PGND
PHASE
BOOT
VCC
VIN
EN
FB
MODE
PG
GND
PACKAGE
PADDLE
EN/SOFT-
START
FB
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL85412FRTZ
5412
-40 to +125
8 Ld TDFN
L8.3x3H
ISL85412EVAL1Z
Evaluation Board
ISL85412DEMO1Z
Demonstration Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL85412. For more information on MSL please see techbrief TB363.


Similar Part No. - ISL85412

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412DEMO1Z RENESAS-ISL85412DEMO1Z Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85412EVAL1Z RENESAS-ISL85412EVAL1Z Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85412FRTZ RENESAS-ISL85412FRTZ Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
More results

Similar Description - ISL85412

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
   Wide VIN 1A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
   Wide VIN 300mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
   500mA Wide VIN Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com