Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9075B Datasheet(PDF) 22 Page - Semtech Corporation

Part # GS9075B
Description  Multi-Rate SDI Automatic Reclocker
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9075B Datasheet(HTML) 22 Page - Semtech Corporation

Back Button GS9075B Datasheet HTML 18Page - Semtech Corporation GS9075B Datasheet HTML 19Page - Semtech Corporation GS9075B Datasheet HTML 20Page - Semtech Corporation GS9075B Datasheet HTML 21Page - Semtech Corporation GS9075B Datasheet HTML 22Page - Semtech Corporation GS9075B Datasheet HTML 23Page - Semtech Corporation GS9075B Datasheet HTML 24Page - Semtech Corporation GS9075B Datasheet HTML 25Page - Semtech Corporation GS9075B Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
GS1575B / GS9075B HD-LINX® II Multi-Rate SDI
Automatic Reclocker
Data Sheet
40063 - 1
June 2009
22 of 28
4.11 Output Drivers and Serial Clock Outputs
The device’s serial digital data outputs (DDO/DDO) have a nominal voltage of 800mv
single ended or 1600mV differential when terminated into a 50Ω load.
The GS1575B/9075B may also be configured to output a serial clock at the data output
rate. The internal serial clock output block is powered via the SCO_ENABLE pin. When
SCO_ENABLE is connected to VCC, a differential serial clock output will be present on
SCO/SCO. Otherwise, when SCO_ENABLE is connected to GND, the clock output block
will be powered down and the device will have reduced power consumption.
NOTE: The SCO_ENABLE signal should have a 1.5mA drive strength to maintain a
supply voltage of 3.3 +/- 0.165V.
Clock and data alignment is shown in Figure 4-5.
Figure 4-5: Clock and Data Alignment
4.12 Output Mute
The DDO_MUTE pin is provided to allow muting of the re-timed output.
When the PLL is locked and the device is reclocking, setting DDO_MUTE = LOW will
force the serial digital outputs DDO/DDO to mute. However, if the GS1575B/9075B is in
Bypass mode, (AUTOBYPASS = HIGH and/or BYPASS = HIGH), DDO_MUTE will have no
effect on the output.
DATA
SCLK
t
CD
For HD-SDI: tCD = 32ps (typ.), 36ps (max.)
For SD-SDI: t CD = 30ps (typ.), 38ps (max.)


Similar Part No. - GS9075B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9075B GENNUM-GS9075B Datasheet
1Mb / 28P
   Lock Detect Output
More results

Similar Description - GS9075B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com