Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4D551638F-TC36 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K4D551638F-TC36
Description  256Mbit GDDR SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D551638F-TC36 Datasheet(HTML) 2 Page - Samsung semiconductor

  K4D551638F-TC36 Datasheet HTML 1Page - Samsung semiconductor K4D551638F-TC36 Datasheet HTML 2Page - Samsung semiconductor K4D551638F-TC36 Datasheet HTML 3Page - Samsung semiconductor K4D551638F-TC36 Datasheet HTML 4Page - Samsung semiconductor K4D551638F-TC36 Datasheet HTML 5Page - Samsung semiconductor K4D551638F-TC36 Datasheet HTML 6Page - Samsung semiconductor K4D551638F-TC36 Datasheet HTML 7Page - Samsung semiconductor K4D551638F-TC36 Datasheet HTML 8Page - Samsung semiconductor K4D551638F-TC36 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
256M GDDR SDRAM
K4D551638F-TC
- 2 -
Rev 1.7 (June 2004)
Target Spec
Revision History
Revision 1.7 (June 15, 2004) - Target Spec
• Changed VDD/VDDQ of K4D551638F-TC33 from 2.8V + 0.1V to 2.8V(min)/2.95V(max)
Revision 1.6 (March 31, 2004) - Target Spec
• AC Changes : Refer to the AC characteristics of page 13 and 14.
Revision 1.5 (March 18, 2004) - Target Spec
• Added K4D551638F-TC33 in the data sheet.
Revision 1.4 (February 27, 2004) - Target Spec
• Added K4D551638F-TC36/40 in the data sheet.
Revision 1.3 (December 5, 2003)
• Changed VDD/VDDQ of K4D551638F-TC50 from 2.5V + 5% to 2.6V + 0.1V
Revision 1.2 (November 11, 2003)
• "Wrtie-Interrupted by Read Function" is supported
Revision 1.1 (October 13, 2003)
• Defined ICC7 value
Revision 1.0 (October 10, 2003)
• Defined DC spec
• Changed part number of 16Mx16 GDDR F-die from K4D561638F-TC to K4D551638F-TC.
Revision 0.1 (October 2, 2003) - Target Spec
• Added Lead free package part number in the data sheet.
• Removed K4D561638F-TC40 from the data sheet.
Revision 0.0 (July 2, 2003) - Target Spec
• Defined Target Specification


Similar Part No. - K4D551638F-TC36

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D551638D SAMSUNG-K4D551638D Datasheet
230Kb / 18P
   256Mbit GDDR SDRAM
K4D551638D-TC SAMSUNG-K4D551638D-TC Datasheet
230Kb / 18P
   256Mbit GDDR SDRAM
K4D551638D-TC2A SAMSUNG-K4D551638D-TC2A Datasheet
230Kb / 18P
   256Mbit GDDR SDRAM
K4D551638D-TC33 SAMSUNG-K4D551638D-TC33 Datasheet
230Kb / 18P
   256Mbit GDDR SDRAM
K4D551638D-TC36 SAMSUNG-K4D551638D-TC36 Datasheet
230Kb / 18P
   256Mbit GDDR SDRAM
More results

Similar Description - K4D551638F-TC36

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638D SAMSUNG-K4D551638D Datasheet
230Kb / 18P
   256Mbit GDDR SDRAM
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4J55323QF-GC SAMSUNG-K4J55323QF-GC Datasheet
1Mb / 49P
   256Mbit GDDR3 SDRAM
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
logo
Hynix Semiconductor
HY5DU113222FM-2 HYNIX-HY5DU113222FM-2 Datasheet
299Kb / 30P
   512M(16Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com