Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 51 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 51 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 47Page - Semtech Corporation GS2970A Datasheet HTML 48Page - Semtech Corporation GS2970A Datasheet HTML 49Page - Semtech Corporation GS2970A Datasheet HTML 50Page - Semtech Corporation GS2970A Datasheet HTML 51Page - Semtech Corporation GS2970A Datasheet HTML 52Page - Semtech Corporation GS2970A Datasheet HTML 53Page - Semtech Corporation GS2970A Datasheet HTML 54Page - Semtech Corporation GS2970A Datasheet HTML 55Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
51 of 150
4.12.1.1 Vertical Timing
When CEA861 timing is selected, the device outputs standards compliant CEA861
timing signals as shown in the figures below; for example 240 active lines per field for
SMPTE 125M.
The register bit TRS_861 is used to select DFP timing generator mode which follows the
vertical blanking timing as defined by the embedded TRS code words.
The timing of the CEA 861 timing reference signals can be found in the CEA 861
specifications. For information, they are included in the following diagrams. These
diagrams may not be comprehensive.
Table 4-9:Supported CEA-861 Formats
Format
CEA-861 Format
VD_STD[5:0]
720(1440) x 480i @ 59.94/60Hz
6 & 7
16h, 17h, 19h, 1Bh
720(1440) x 576i @ 50Hz
21 & 22
18h, 1Ah
1280 x 720p @ 59.94/60Hz
4
20h, 00h
1280 x 720p @ 50Hz
19
24h, 04h
1920 x 1080i @ 59.94/60Hz
5
2Ah, 0Ah
1920 x 1080i @ 50Hz
20
2Ch, 0Ch
1920 x 1080p @ 29.97/30Hz
341
2Bh, 0Bh
1920 x 1080p @ 25Hz
332
2Dh, 0Dh
1920 x 1080p @ 23.98/24Hz
32
30h, 10h
1920 x 1080p @ 59.94/60Hz
161
2Bh
1920 x 1080p @ 50Hz
312
2Dh
NOTES:
1,2: Timing is identical for the corresponding formats.
Table 4-10:CEA861 Timing Formats
Format
Parameters
4
H:V:DE Input Timing 1280 x 720p @ 59.94/60Hz
5
H:V:DE Input Timing 1920 x 1080i @ 59.94/60Hz
6&7
H:V:DE Input Timing 720 (1440) x 480i @ 59.94/60Hz
19
H:V:DE Input Timing 1280 x 720p @ 50Hz
20
H:V:DE Input Timing 1920 x 1080i @ 50Hz
21&22
H:V:DE Input Timing 720 (1440) x 576 @ 50Hz
16
H:V:DE Input Timing 1920 x 1080p @ 59.94/60Hz
31
H:V:DE Input Timing 1920 x 1080p @ 50Hz


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com