Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1575B Datasheet(PDF) 12 Page - Semtech Corporation

Part # GS1575B
Description  Multi-Rate SDI Automatic Reclocker
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1575B Datasheet(HTML) 12 Page - Semtech Corporation

Back Button GS1575B Datasheet HTML 8Page - Semtech Corporation GS1575B Datasheet HTML 9Page - Semtech Corporation GS1575B Datasheet HTML 10Page - Semtech Corporation GS1575B Datasheet HTML 11Page - Semtech Corporation GS1575B Datasheet HTML 12Page - Semtech Corporation GS1575B Datasheet HTML 13Page - Semtech Corporation GS1575B Datasheet HTML 14Page - Semtech Corporation GS1575B Datasheet HTML 15Page - Semtech Corporation GS1575B Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
GS1575B / GS9075B HD-LINX® II Multi-Rate SDI
Automatic Reclocker
Data Sheet
40063 - 1
June 2009
12 of 28
Figure 2-1: Serial Digital Input Signal Swing
Figure 2-2: Serial Digital Output Signal Swing
Serial Output Jitter
SDO/SDO and SCO/SCO
KBB = Float
PRN, 223-1
Measurement is output jitter
that includes input jitter from
BERT.
tOJ
143 Mb/s
0.02
UI
tOJ
177 Mb/s
0.02
UI
tOJ
270 Mb/s
0.02
0.09
UI
tOJ
360 Mb/s
0.03
UI
tOJ
540 Mb/s
0.03
0.09
UI
tOJ
1485 Mb/s (GS1575B only)
0.06
0.13
UI
tOJ
Bypass
0.06
0.13
UI
Loop Bandwidth
BWLOOP
1.485 Gb/s, KBB = FLOAT
(GS1575B only)
–1.75–
MHz
BWLOOP
1.485 Gb/s, KBB = GND,
<0.1dB Peaking
(GS1575B only)
–3.2
MHz
BWLOOP
270 Mb/s, KBB = FLOAT
520
KHz
BWLOOP
270 Mb/s, KBB = GND
1000
KHz
Table 2-2: AC Electrical Characteristics (Continued)
VCC = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VSID
VSID
2
VSID
2
VSID
2
+
0
VSID
2
_
VSID
2
VCC _
VSID
2
VCC _
VCC
VDD
Single-Ended Swing (DDIx)
Single-Ended Swing (DDIx)
Differential Swing (DDIx-DDIx)
VOD
VOD
2
VOD
2
VOD
2
+
0
VOD
2
_
VOD
2
VCC _
VOD
2
VCC _
VCC
VDD
Single-Ended Swing (DDO, SCO)
Single-Ended Swing (DDO, SCO)
Differential Swing (DDO-DDO)
(SCO-SCO)


Similar Part No. - GS1575B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS1575B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535A GENNUM-GS1535A Datasheet
439Kb / 27P
   GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
   SD-SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com