Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1362 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ISP1362
Description  Single-chip Universal Serial Bus On-The-Go controller
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1362 Datasheet(HTML) 4 Page - NXP Semiconductors

  ISP1362 Datasheet HTML 1Page - NXP Semiconductors ISP1362 Datasheet HTML 2Page - NXP Semiconductors ISP1362 Datasheet HTML 3Page - NXP Semiconductors ISP1362 Datasheet HTML 4Page - NXP Semiconductors ISP1362 Datasheet HTML 5Page - NXP Semiconductors ISP1362 Datasheet HTML 6Page - NXP Semiconductors ISP1362 Datasheet HTML 7Page - NXP Semiconductors ISP1362 Datasheet HTML 8Page - NXP Semiconductors ISP1362 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 150 page
background image
Philips Semiconductors
ISP1362
Single-chip USB OTG controller
Product data
Rev. 03 — 06 January 2004
4 of 150
9397 750 12337
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
4.
Abbreviations
DC — Device Controller
DMA — Direct Memory Access
DSC — Digital Still Camera
EMI — Electro-Magnetic Interference
GPS — Global Positioning System
HC — Host Controller
HCD — Host Controller Driver
HNP — Host Negotiation Protocol
OTG — On-The-Go
PDA — Personal Digital Assistant
PIO — Programmed Input/Output
PLL — Phase-Locked Loop
PSHC — Philips Slave Host Controller
SIE — Serial Interface Engine
SRP — Session Request Protocol
USB — Universal Serial Bus.
5.
Ordering information
Table 1:
Ordering information
Type number
Package
Name
Description
Version
ISP1362BD
LQFP64
plastic low profile quad flat package; 64 leads; body 10 x 10 x 1.4 mm
SOT314-2
ISP1362EE
TFBGA64
plastic thin fine-pitch ball grid array package; 64 balls; body 6 x 6 x 0.8 mm SOT543-1
ISP1362EE/01


Similar Part No. - ISP1362

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1301 PHILIPS-ISP1301 Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1301BS PHILIPS-ISP1301BS Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1302HN NXP-ISP1302HN Datasheet
362Kb / 64P
   Universal Serial Bus On-The-Go transceiver with carkit support
Rev. 01-24 May 2007
ISP1302UK NXP-ISP1302UK Datasheet
362Kb / 64P
   Universal Serial Bus On-The-Go transceiver with carkit support
Rev. 01-24 May 2007
ISP1302 NXP-ISP1302_07 Datasheet
362Kb / 64P
   Universal Serial Bus On-The-Go transceiver with carkit support
Rev. 01-24 May 2007
More results

Similar Description - ISP1362

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1761BEUM PHILIPS-ISP1761BEUM Datasheet
793Kb / 164P
   Hi-Speed Universal Serial Bus On-The-Go controller
13 March 2008
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
ISP1301 PHILIPS-ISP1301 Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1506A NXP-ISP1506A Datasheet
400Kb / 79P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01 - 30 May 2007
ISP1302 NXP-ISP1302_07 Datasheet
362Kb / 64P
   Universal Serial Bus On-The-Go transceiver with carkit support
Rev. 01-24 May 2007
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
ISP1504A PHILIPS-ISP1504A Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com