Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS202 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IS202
Description  HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS202 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IS202 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS202 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS202 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IS201, IS202, IS203, IS204,
ISD201, ISD202, ISD203, ISD204,
ISQ201, ISQ202, ISQ203, ISQ204
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
12/3/03
DB91021m-AAS/A4
0.5
7.62
7.0
6.0
1.2
OPTION G
7.62
APPROVALS
l
l
UL recognised, File No. E91231
'X'SPECIFICATIONAPPROVALS
l
VDE 0884 in 3 available lead form : -
- STD
- G form
- SMD approved to CECC 00802
l
IS20* Certified to EN60950 by the
following Test Bodies :-
Nemko - Certificate No. P01102464
Fimko - Certificate No. FI18166
Semko - Reference No. 0202037/01-22
Demko - Certificate No. 311158-01
l
BSI approved - Certificate No. 8001
DESCRIPTION
The IS20*, ISD20*, ISQ20* series of optically
coupled isolators consist of infrared light
emitting diodes and NPN silicon photo
transistors in space efficient dual in line plastic
packages.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
High BV
CEO (70V min)
l
All electrical parameter 100% tested
l
Custom electrical selections available
APPLICATIONS
l
Computer terminals
l
Industrial systems controllers
l
Signal transmission between systems of
different potentials and impedances
10.16
9.16
7.0
6.0
7.62
1.2
13°
Max
0.5
2.54
0.5
0.26
0.5
3
4
1
5
8
2
1
3
4
6
Dimensions in mm
HIGH DENSITY
PHOTOTRANSISTOR OPTICALLY
COUPLED ISOLATORS
SURFACE MOUNT
OPTION SM
10.16
7.0
6.0
1.2
7.62
3.0
0.5
0.26
2.54
0.5
0.26
13°
Max
3.0
13°
Max
3.35
4.0
3.0
3.0
20.32
19.32
4.0
3.0
4.0
3.0
3.35
3.35
2.54
0.26
3
6
4
5
2
7
14
15
1
8
7.62
6.62
2
5
16
13
12
11
6
10
7
9
IS201
IS202
IS203
IS204
ISD201
ISD202
ISD203
ISD204
ISQ201
ISQ202
ISQ203
ISQ204
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com
10.46
9.86
0.6
0.1
1.25
0.75


Similar Part No. - IS202

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS202 ISOCOM-IS202 Datasheet
87Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
IS2020 ETC2-IS2020 Datasheet
2Mb / 57P
   Bluetooth짰 4.1 Stereo Audio SOC
IS2020S ETC2-IS2020S Datasheet
2Mb / 57P
   Bluetooth짰 4.1 Stereo Audio SOC
IS2021S ETC2-IS2021S Datasheet
2Mb / 57P
   Bluetooth짰 4.1 Stereo Audio SOC
IS2023S ETC2-IS2023S Datasheet
2Mb / 57P
   Bluetooth짰 4.1 Stereo Audio SOC
More results

Similar Description - IS202

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ISQ201 ISOCOM-ISQ201_08 Datasheet
87Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ILQ2SMTR ISOCOM-ILQ2SMTR Datasheet
87Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
IS1 ISOCOM-IS1 Datasheet
78Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
MCT6 ETC-MCT6 Datasheet
57Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS1 ISOCOM-IS1_08 Datasheet
85Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISQ74X ISOCOM-ISQ74X Datasheet
85Kb / 3P
   HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL191 ISOCOM-TIL191 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817BXSMT-R ISOCOM-ISP817BXSMT-R Datasheet
82Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com