Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3048 Datasheet(PDF) 10 Page - International Rectifier

Part # IRU3048
Description  DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3048 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRU3048 Datasheet HTML 6Page - International Rectifier IRU3048 Datasheet HTML 7Page - International Rectifier IRU3048 Datasheet HTML 8Page - International Rectifier IRU3048 Datasheet HTML 9Page - International Rectifier IRU3048 Datasheet HTML 10Page - International Rectifier IRU3048 Datasheet HTML 11Page - International Rectifier IRU3048 Datasheet HTML 12Page - International Rectifier IRU3048 Datasheet HTML 13Page - International Rectifier IRU3048 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Rev. 1.7
09/12/02
IRU3048
www.irf.com
Cross Over Frequency:
The stability requirement will be satisfied by placing the
poles and zeros of the compensation network according
to following design rules. The consideration has been
taken to satisfy condition 14 regarding transconduc-
tance error amplifier.
1)
Select the crossover frequency:
2)
Select R7, so that R7 >>
3)
Place first zero before LC’s resonant frequency pole.
4)
Place third pole at the half of the switching frequency.
C12 > 50pF
If not, change R7 selection.
5)
Place R7 in (15) and calculate C10:
6)
Place second pole at ESR zero.
FP2 = FESR
Check if R8 >
If R8 is too small, increase R7 and start from step 2.
7)
Place second zero around the resonant frequency.
FZ2 = FLC
FP3 =
fS
2
8)
Use equation (1) to calculate R5:
These design rules will give a crossover frequency ap-
proximately one-tenth of the switching frequency. The
higher the band width, the potentially faster the load tran-
sient speed. The gain margin will be large enough to
provide high DC-regulation accuracy (typically -5dB to -
12dB). The phase margin should be greater than 45
8 for
overall stability.
LDO Section
Output Voltage Programming
Output voltage for LDO is programmed by reference volt-
age and external voltage divider. The Fb3 pin is the in-
verting input of the error amplifier, which is internally ref-
erenced to 1.25V. The divider is ratioed to provide 1.25V
at the Fb3 pin when the output is at its desired value.
The output voltage is defined by using the following equa-
tion:
Results to: RHIGH=1K
LDO Power MOSFET Selection
The first step in selecting the power MOSFET for the
linear regulator is to select the maximum RDS(ON) based
on the input to the dropout voltage and the maximum
load current.
Results to: RDS(ON)(MAX) = 0.4
V
Note that since the MOSFET RDS(ON) increases with tem-
perature, this number must be divided by ~1.5 in order
to find the RDS(ON)(MAX) at room temperature. The IRLR2703
has a maximum of 0.065
V RDS(ON) at room temperature,
which meets our requirements.
1
gm
C12 =
1
2
p 3 R7 3 FP3
C10
[
3
2
p 3 Lo 3 FO 3 Co
R7
VOSC
VIN
R8 =
1
2
p 3 C10 3 FP2
R6 =
- R8
1
2
p 3 C10 3 FZ2
R5 =
3 R6
VREF
VOUT - VREF
RDS(ON) =
VIN3 - VOUT2
IOUT2
For:
VIN3 = 3.3V
VOUT2 = 2.5V
IOUT2 = 2A
Where:
VIN = Maximum Input Voltage
VOSC = Oscillator Ramp Voltage
Lo = Output Inductor
Co = Total Output Capacitors
FO1 = R7
3C103
3
VIN
VOSC
1
2
p3Lo3Co
---(15)
Fo < FESR and Fo
[ (1/10 ~ 1/6)3 fS
2
gm
FZ1
≅ 75% FLC
C11 =
1
2
p 3 FZ1 3 R7
For:
VOUT2 = 2.5V
VREF = 1.25V
RLOW = 1K
(
)
RHIGH
RLOW
VOUT2 = VREF
3 1+


Similar Part No. - IRU3048

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3046CF IRF-IRU3046CF Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047CW IRF-IRU3047CW Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
More results

Similar Description - IRU3048

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
   20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
logo
Texas Instruments
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Microsemi Corporation
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com