Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8144 Datasheet(PDF) 4 Page - Bi technologies

Part No. 8144
Description  Precision Potentiometer / Position Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8144 Datasheet(HTML) 4 Page - Bi technologies

  8144 Datasheet HTML 1Page - Bi technologies 8144 Datasheet HTML 2Page - Bi technologies 8144 Datasheet HTML 3Page - Bi technologies 8144 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
November 13 2015
Model 8140 page 4 of 4
Model 8140 series
40°
SLIDER
.625RMAX
15.9RMAX
VIEWB
105°MAX
Optional Terminal Configuration
.110
2.794
.020Thickness
.060±.003
1.524±.076
.062±.003
1.524±.076
Dia.
Use Special Feature Code “FT” to order.
Enlarged View B
105°
Max.
Clamp
.922
23.4Dia. Max.
.625
15.9 R. Max.
Clamp
Ears
.875±.016
22.2±0.41
Housing Dia.
Slider
.080±.001
2.03±0.03 Dia.
.057
1.45 Min.
.062±.005
1.58±0.13
.062±.005
1.58±0.13
Chamfer
.016/0.406 Max. x 45°
.625
15.875
+.000
-.001
+0.000
-0.025
.875
22.2
+.005
-.010
+0.13
-0.25
.1248
3.1699
+.0000
-.0003
+0.0000
-0.0076
Dia.
Dia.
Dia.
Mounting Surface
.375±.031
9.53±0.79
.781
19.8 Dia. Max.
1.250±.031
31.75±0.79
.875±.016
22.2±0.41
.250
6.35
Min.
CCW
CW
Model 8143
Servo Mount with Ball Bearing
OUTLINE DRAWINGS (continued)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn