Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8144 Datasheet(PDF) 3 Page - Bi technologies

Part No. 8144
Description  Precision Potentiometer / Position Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo BITECH - Bi technologies

8144 Datasheet(HTML) 3 Page - Bi technologies

  8144 Datasheet HTML 1Page - Bi technologies 8144 Datasheet HTML 2Page - Bi technologies 8144 Datasheet HTML 3Page - Bi technologies 8144 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
November 13 2015
Model 8140 page 3 of 4
Model 8140 series
OUTLINE DRAWINGS
.625
15.9R Max.
.875±.016
22.2±0.41 Dia.
75°
Max.
Slot: .032±.005/0.813±0.127 Wide X
.032+.010-.000/0.813+0.254-0.000 Deep
(Not on Rear Shaft Models)
Chamfer
.016/0.41 Max. x 45°
Dim. D
.312±.016
7.93±0.41
+.000
-.010
+0.00
-0.25
.062
1.58
.080±.001
2.03±0.03 Dia.
1.125±.031
28.58±0.79
Mounting Surface
Dim.A
Dim. B
Dim. C
.125
3.18 Min.
.750±.016
19.1±0.41
Slider
CCW
CW
.688±.031
17.475±0.787
.812±.031
20.625±0.787
+.0000
-.0003
+0.0000
-0.0076
+.0000
-.0005
+0.0000
-0.0127
.1248
3.1699
.2500
6.3500
+.000
-.002
+0.000
-0.051
+.000
-.002
+0.000
-0.051
.281
7.137
.406
10.312
Dia.
Dia.
Dia.
Dia.
1/4-32 UNEFThread 3/8-32UNEFThread
8141
8146
Dim.
A
B
C
D
40°
SLIDER
.625RMAX
15.9RMAX
VIEWB
Models 8141 & 8146
Bushing Mount with Sleeve Bearing
Optional Terminal Configuration
.110
2.794
.020Thickness
.060±.003
1.524±.076
.062±.003
1.524±.076
Dia.
Use Special Feature Code ?FT? to order.
Enlarged View B
MATCHING TURNS COUNTING DIALS
8141: RBJ, 2601, 2641
8146: 2606, 2607, 2626, 2627, 2646, 2126, 2606S, 2607S, 2646S, 2647S, RB


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn