Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF2012A-221YA Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRF2012A-221YA
Description  Common Mode Chip Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF2012A-221YA Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRF2012A-221YA Datasheet HTML 1Page - Bourns Electronic Solutions SRF2012A-221YA Datasheet HTML 2Page - Bourns Electronic Solutions SRF2012A-221YA Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.46 ± 0.1
( .018 ± .004)
0.55 ± 0.1
( .022 ± .004)
0.55 ± 0.1
( .022 ± .004)
0.46 ± 0.1
( .018 ± .004)
1.2 ± 0.2
(.047 ± .008)
0.15 ± 0.1
(.006 ± .004)
1.2 ± 0.2
(.047 ± .008)
2.0 ± 0.2
(.079 ± .008)
12
4
3
Features
Shielded construction – low radiation
Bifilar wound
Impedance range: 67 to 360 ohms
@ 100 MHz
AEC-Q200 qualified
RoHS compliant* and halogen free**
Applications
EMI suppression for:
- Data and signal lines
- CANbus
- Automotive electronics
- Consumer electronics
- Telecom devices
SRF2012AA Series - Common Mode Chip Inductors
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Rated Voltage ............................ 50 VDC
Withstanding Voltage............... 125 VDC
Insulation Resistance
........... 10 megohms min. @ 100 VDC
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Temperature Rise .....20 °C at rated Irms
Electrical Specifications @ 25 °C
Bourns
Part Number
Impedance
@ 100 MHz / 1 V
DCR
Typ.
(
Ω)
DCR
Max.
(
Ω)
Irms
(mA)
Z
(
Ω)
Tolerance
(%)
SRF2012A-670YA
67
± 25
0.15
0.25
400
SRF2012A-900YA
90
± 25
0.16
0.30
400
SRF2012A-121YA
120
± 25
0.20
0.30
400
SRF2012A-161YA
160
± 25
0.25
0.35
350
SRF2012A-181YA
180
± 25
0.25
0.35
350
SRF2012A-201YA
200
± 25
0.30
0.40
300
SRF2012A-221YA
220
± 25
0.30
0.40
300
SRF2012A-261YA
260
± 25
0.35
0.40
300
SRF2012A-361YA
360
± 25
0.45
0.50
300
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging....... 2000 pcs. per 7-inch reel
Materials
Product Dimensions
Schematic
How to Order
SRF2012A - 201 Y A
Model
Value Code (see table)
Tolerance Code
Model Suffix
1
4
2
3
Soldering Profile
1.25
(.049)
0.45
(.018)
1.1
(.043)
2.6
(.102)
12
4
3
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
DIMENSIONS:
MM
(INCHES)
Recommended Layout
25
TIME (Seconds)
Reflow times: 3 times max.
PRE-HEATING
SOLDERING
NATURAL
COOLING
20 ~ 40 s
60 ~ 150 s
60 ~ 180 s
150 °C
200 °C
217 °C
TP (260 °C) 40 s max.
480 s max.


Similar Part No. - SRF2012A-221YA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF2012A-221YA BOURNS-SRF2012A-221YA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
More results

Similar Description - SRF2012A-221YA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF4532 BOURNS-SRF4532 Datasheet
281Kb / 3P
   Common Mode Chip Inductors
SRF2012AA BOURNS-SRF2012AA Datasheet
449Kb / 3P
   Common Mode Chip Inductors
SRF2012-300YA BOURNS-SRF2012-300YA Datasheet
374Kb / 4P
   Common Mode Chip Inductors
SRF3216A BOURNS-SRF3216A Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF3216 BOURNS-SRF3216 Datasheet
378Kb / 3P
   Common Mode Chip Inductors
SRF2012A BOURNS-SRF2012A Datasheet
413Kb / 3P
   Common Mode Chip Inductors
SRF3216A-900Y BOURNS-SRF3216A-900Y Datasheet
526Kb / 4P
   Common Mode Chip Inductors
SRF4532-1R0Y BOURNS-SRF4532-1R0Y Datasheet
252Kb / 3P
   Common Mode Chip Inductors
logo
Central Technologies
CTDLW43SF CT-CTDLW43SF Datasheet
545Kb / 2P
   Common Mode Chip Inductors
logo
Bourns Electronic Solut...
SRF2012-361YA BOURNS-SRF2012-361YA Datasheet
413Kb / 3P
   SRF2012A Series - Common Mode Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com