Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA65A-251533RLF Datasheet(PDF) 1 Page - Bi technologies

Part # HA65A-251533RLF
Description  Surface Mount Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HA65A-251533RLF Datasheet(HTML) 1 Page - Bi technologies

  HA65A-251533RLF Datasheet HTML 1Page - Bi technologies HA65A-251533RLF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount
Power Inductors
Model HA65A
Make Possible
Magnetics
Features and Benefits
Operating Temperature Range -40°C to +155°C
Operating Current Up to 87Adc
Solar Energy and hybrid car application
AEC-Q200 certified
RoHS Compliant
Notes:
(1) Inductance is measured at 100 kHz, 0.1Vac without DC current.
(2)Isatisthesaturationcurrentatwhichinductancewillbedecreasedbyapproximately30%fromitsinitial(0Adc)value.
(3)TheHeatingCurrentistheDCcurrentwhichcausesthecomponenttemperaturetoincreasebyapproximately40°C.Thiscurrentisdeterminedbyatemperaturerisecalculation.Parttemperature
shouldbeverifiedattheendapplication.
(4)Theparttemperature(ambient+temperaturerise)shouldnotexceed155°C.
Part Number
Inductance(1)
@0Adc
μH±10%
Isat(2)
(A)
Heating
Current(3)
(A)
SRF
(MHz)
DCR (mΩ)
Typ.
Max.
HA65A-25153R3LF
3.3
87.0
26
24
2.3
2.6
HA65A-25154R7LF
4.7
61.0
21
HA65A-25156R8LF
6.8
46.0
17
HA65A-251510RLF
10
31.8
14
HA65A-251515RLF
15
22.0
10
HA65A-251522RLF
22
15.5
9
HA65A-251533RLF
33
10.3
6
Specification @ 25°C
Outline Dimensions (mm)
1 OF 2
www.bitechnologies.com
MAGNETIC COMPONENTS
We reserve the right to change specifications without prior notice.
Updated: 05 Sep 2014


HA65A-261533RLF
BI YYWW
1
2
3
 
 
 








Recommended PCB Layout

HA65A

Surface Mount Power Inductors








Part Number
Inductance(1)
@0Adc
µH±10%
Isat(2)
(A)
Heating
Current(3)
(A)
SRF
(MHz)
DCR (mΩ)
Typ.
Max.
































 
 

               
            

 


Rev.01
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
www.ttelectronicsmagnetics.com


Similar Part No. - HA65A-251533RLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HA65A-251533RLF TTELEC-HA65A-251533RLF Datasheet
473Kb / 2P
   AEC-Q200 certified
More results

Similar Description - HA65A-251533RLF

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com