Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBLF1030CT Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SBLF1030CT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SBLF1030CT Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SBLF1030CT Datasheet HTML 1Page - Diode Semiconductor Korea SBLF1030CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T J =2 5
P uls e w idt h = 3 00
s
1 % D u ty C y c le
. 2
. 4
. 6
. 8
1.0
1 . 2
1 . 4
1 . 6
1 . 8
2.0
2.2
1
10
1 0 0
2 0 0
SBLF1030CT-SBLF1045CT
SBLF1050CT-SBLF1060CT
SBLF1080CT-SBLF10100CT
10
040
60
20
100
120
140
80
TC=25
0.1
1.0
.01
Tc=100
0
2
4
25
50
75
100
125
150
6
8
1
0
0
40
1
100
200
80
12
0
160
10
8.3ms Single Half Sine Wave
TJ=125
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60HZ
CASE
TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.1 -- PEAK FORWARD SURGE CURRENT
175
SBLF1030CT - - - SBLF10100CT
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SBLF1030CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBLF1030CT GE-SBLF1030CT Datasheet
113Kb / 2P
   SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Vishay Siliconix
SBLF1030CT-45 VISHAY-SBLF1030CT-45 Datasheet
139Kb / 6P
   Dual Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBLF1030CT-E3 VISHAY-SBLF1030CT-E3 Datasheet
139Kb / 6P
   Dual Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBLF1030CT-E3/45 VISHAY-SBLF1030CT-E3/45 Datasheet
156Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Apr-08
SBLF1030CTH-45 VISHAY-SBLF1030CTH-45 Datasheet
139Kb / 6P
   Dual Common Cathode Schottky Rectifier
Revision: 12-Jun-13
More results

Similar Description - SBLF1030CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com