Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA78-30180LFTR Datasheet(PDF) 3 Page - Bi technologies

Part # HA78-30180LFTR
Description  Shielded Surface Mount Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HA78-30180LFTR Datasheet(HTML) 3 Page - Bi technologies

  HA78-30180LFTR Datasheet HTML 1Page - Bi technologies HA78-30180LFTR Datasheet HTML 2Page - Bi technologies HA78-30180LFTR Datasheet HTML 3Page - Bi technologies HA78-30180LFTR Datasheet HTML 4Page - Bi technologies HA78-30180LFTR Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Shielded Surface
Mount Inductors
Model HA78
Rev. 02
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
Part Number
Inductance(1)(μH)
DC Resistance(4)Max. (Ω)
Isat(2) (A)
Irms(3) (A)
HA78‐50820LFTR
82 ± 20%
0.14
1.40
1.65
HA78‐50101LFTR
100 ± 20%
0.16
1.50
1.53
HA78‐50121LFTR
120 ± 20%
0.17
1.10
1.30
HA78‐50151LFTR
150 ± 20%
0.23
1.00
1.21
HA78‐50181LFTR
180 ± 20%
0.29
0.90
1.06
HA78‐50221LFTR
220 ± 20%
0.40
0.80
0.96
HA78‐50271LFTR
270 ± 20%
0.46
0.75
0.89
HA78‐50331LFTR
330 ± 20%
0.51
0.68
0.78
HA78‐50391LFTR
390 ± 20%
0.69
0.65
0.68
HA78‐50471LFTR
470 ± 20%
0.77
0.58
0.64
HA78‐50561LFTR
560 ± 20%
0.86
0.54
0.62
HA78‐50681LFTR
680 ± 20%
1.20
0.48
0.55
HA78‐50821LFTR
820 ± 20%
1.34
0.43
0.51
HA78‐50102LFTR
1000 ± 20%
1.53
0.40
0.43
HA78‐50182LFTR
1800 ± 20%
3.20
0.30
0.70
HA78‐601R4LFTR
1.4 ± 30%
0.007
12.00
10.00
HA78‐602R4LFTR
2.4 ± 30%
0.012
8.00
8.10
HA78‐603R9LFTR
3.9 ± 30%
0.014
7.50
7.80
HA78‐604R7LFTR
4.7 ± 30%
0.016
6.80
7.00
HA78‐605R6LFTR
5.6 ± 30%
0.018
6.60
6.50
HA78‐607R6LFTR
7.6 ± 30%
0.020
5.90
6.10
HA78‐60100LFTR
10 ± 20%
0.022
5.40
6.00
HA78‐60120LFTR
12 ± 20%
0.025
4.90
5.90
HA78‐60150LFTR
15 ± 20%
0.027
4.50
5.00
HA78‐60180LFTR
18 ± 20%
0.039
3.90
4.20
HA78‐60220LFTR
22 ± 20%
0.043
3.60
4.10
HA78‐60270LFTR
27 ± 20%
0.046
3.40
4.50
HA78‐60330LFTR
33 ± 20%
0.065
3.00
3.20
HA78‐60390LFTR
39 ± 20%
0.073
2.75
3.00
HA78‐60470LFTR
47 ± 20%
0.085
2.50
2.70
HA78‐60221LFTR
220 ± 20%
0.370
1.20
1.30
Notes:
(1) Inductance is measured at 1 kHz, 1Vac without DC current.
(2) Isat is the saturation current at which inductance rolls off approximately 10% from its initial (zero DC).
(3) Irms is the approximate current at which ΔT = 40° C.
(4) DC resistance is measure at 25°C.
Specification @ 25°C
General Note 
TT Electronics reserves the right to make changes in product specification without notice or liability. 
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
www.ttelectronicsmagnetics.com
© TT Electronics plc 
Rev. 01
 
 
 
Notes:    (1)  Inductance is measured at 1 kHz, 1Vac without DC current. 
  
(2)  Isat is the saturation current at which inductance rolls off  approximately 10% from its initial (zero DC). 
                    (3)  Irms is the approximate current at which ∆T = 40° C. 
                    (4)  DC resistance is measure at 25°C. 
 
 
Electrical Schematic  
                                                      
 
 
 
 
  
 
 
 
 
 
 
  
 
 
  
 
  
HA78‐50820LFTR 
82  ± 20% 
0.14 
1.40 
1.65 
HA78‐50101LFTR 
100  ± 20% 
0.16 
1.50 
1.53 
HA78‐50121LFTR 
120  ± 20% 
0.17 
1.10 
1.30 
HA78‐50151LFTR 
150  ± 20% 
0.23 
1.00 
1.21 
HA78‐50181LFTR 
180  ± 20% 
0.29 
0.90 
1.06 
HA78‐50221LFTR 
220  ± 20% 
0.40 
0.80 
0.96 
HA78‐50271LFTR 
270  ± 20% 
0.46 
0.75 
0.89 
HA78‐50331LFTR 
330  ± 20% 
0.51 
0.68 
0.78 
HA78‐50391LFTR 
390  ± 20% 
0.69 
0.65 
0.68 
HA78‐50471LFTR 
470  ± 20% 
0.77 
0.58 
0.64 
HA78‐50561LFTR 
560  ± 20% 
0.86 
0.54 
0.62 
HA78‐50681LFTR 
680  ± 20% 
1.20 
0.48 
0.55 
HA78‐50821LFTR 
820  ± 20% 
1.34 
0.43 
0.51 
HA78‐50102LFTR 
1000  ± 20% 
1.53 
0.40 
0.43 
HA78‐50182LFTR 
1800  ± 20% 
3.20 
0.30 
0.70 
HA78‐601R4LFTR 
1.4 ± 30% 
0.007 
12.00 
10.00 
HA78‐602R4LFTR 
2.4  ± 30% 
0.012 
8.00 
8.10 
HA78‐603R9LFTR 
3.9  ± 30% 
0.014 
7.50 
7.80 
HA78‐604R7LFTR 
4.7  ± 30% 
0.016 
6.80 
7.00 
HA78‐605R6LFTR 
5.6  ± 30% 
0.018 
6.60 
6.50 
HA78‐607R6LFTR 
7.6  ± 30% 
0.020 
5.90 
6.10 
HA78‐60100LFTR 
10  ± 20% 
0.022 
5.40 
6.00 
HA78‐60120LFTR 
12  ± 20% 
0.025 
4.90 
5.90 
HA78‐60150LFTR 
15  ± 20% 
0.027 
4.50 
5.00 
HA78‐60180LFTR 
18  ± 20% 
0.039 
3.90 
4.20 
HA78‐60220LFTR 
22  ± 20% 
0.043 
3.60 
4.10 
HA78‐60270LFTR 
27  ± 20% 
0.046 
3.40 
4.50 
HA78‐60330LFTR 
33  ± 20% 
0.065 
3.00 
3.20 
HA78‐60390LFTR 
39  ± 20% 
0.073 
2.75 
3.00 
HA78‐60470LFTR 
47  ± 20% 
0.085 
2.50 
2.70 
HA78‐60221LFTR 
220 ± 20% 
0.370 
1.20 
1.30 
Shielded Surface Mount Inductors 
 
Model HA78 
BI Technologies


Similar Part No. - HA78-30180LFTR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HA78-30180LFTR TTELEC-HA78-30180LFTR Datasheet
783Kb / 5P
   Shielded Surface Mount Inductors
More results

Similar Description - HA78-30180LFTR

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com