Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CF384A Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CF384A
Description  3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65 MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF384A Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DS90CF384A Datasheet HTML 8Page - National Semiconductor (TI) DS90CF384A Datasheet HTML 9Page - National Semiconductor (TI) DS90CF384A Datasheet HTML 10Page - National Semiconductor (TI) DS90CF384A Datasheet HTML 11Page - National Semiconductor (TI) DS90CF384A Datasheet HTML 12Page - National Semiconductor (TI) DS90CF384A Datasheet HTML 13Page - National Semiconductor (TI) DS90CF384A Datasheet HTML 14Page - National Semiconductor (TI) DS90CF384A Datasheet HTML 15Page - National Semiconductor (TI) DS90CF384A Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DS90CF384A Pin Summary — 64 ball FBGA Package — FPD Link
Receiver
Pin Name
I/O
No.
Description
RxIN+
I
4
Positive LVDS differentiaI data inputs.
RxIN−
I
4
Negative LVDS differential data inputs.
RxOUT
O
28
TTL level data outputs. This includes: 8 Red, 8 Green, 8 Blue, and 4 control lines — FPLINE,
FPFRAME, DRDY (also referred to as HSYNC, VSYNC, Data Enable).
RxCLK IN+
I
1
Positive LVDS differential clock input.
RxCLK IN−
I
1
Negative LVDS differential clock input.
RxCLK OUT
O
1
TTL Ievel clock output. The falling edge acts as data strobe. Also known as FPSHIFT OUT
PWR DOWN
I
1
TTL level input. When asserted (low input) the receiver outputs are low.
V
CC
I
4
Power supply pins for TTL outputs.
GND
I
5
Ground pins for TTL outputs.
PLL V
CC
I
1
Power supply for PLL.
PLL GND
I
2
Ground pin for PLL.
LVDS V
CC
I
1
Power supply pin for LVDS inputs.
LVDS GND
I
3
Ground pins for LVDS inputs.
NC
6
Pins not connected.
DS90CF384A Pin Descriptions — 64 ball FBGA Package — FPD Link
Receiver
By Pin
By Pin Type
Pin
Pin Name
Type
Pin
Pin Name
Type
A1
RxOUT17
O
A4
GND
G
A2
VCC
P
B1
GND
G
A3
RxOUT15
O
B6
GND
G
A4
GND
G
D8
GND
G
A5
RxOUT12
O
E3
GND
G
A6
RxOUT8
O
E5
LVDS GND
G
A7
RxOUT7
O
G3
LVDS GND
G
A8
RxOUT6
O
G7
LVDS GND
G
B1
GND
G
H5
LVDS GND
G
B2
NC
F6
PLL GND
G
B3
RxOUT16
O
G8
PLL GND
G
B4
RxOUT11
O
E6
PWR DWN
I
B5
VCC
P
H6
RxCLKIN-
I
B6
GND
G
H7
RxCLKIN+
I
B7
RxOUT5
O
H2
RxIN0-
I
B8
RxOUT3
O
H3
RxIN0+
I
C1
RxOUT21
O
F4
RxIN1-
I
C2
NC
G4
RxIN1+
I
C3
RxOUT18
O
G5
RxIN2-
I
C4
RxOUT14
O
F5
RxIN2+
I
C5
RxOUT9
O
G6
RxIN3-
I
C6
RxOUT4
O
H8
RxIN3+
I
C7
NC
E7
RxCLKOUT
O
C8
RxOUT1
O
E8
RxOUT0
O
D1
VCC
P
C8
RxOUT1
O
D2
RxOUT20
O
D5
RxOUT10
O
D3
RxOUT19
O
B4
RxOUT11
O
www.national.com
12


Similar Part No. - DS90CF384A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF384A NSC-DS90CF384A Datasheet
439Kb / 18P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65MHz
logo
Texas Instruments
DS90CF384A TI1-DS90CF384A Datasheet
1Mb / 19P
[Old version datasheet]   DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz
DS90CF384A TI1-DS90CF384A Datasheet
1Mb / 22P
[Old version datasheet]   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65MHz
logo
National Semiconductor ...
DS90CF384AMTD NSC-DS90CF384AMTD Datasheet
439Kb / 18P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65MHz
logo
Texas Instruments
DS90CF384AMTD/NOPB TI1-DS90CF384AMTD/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65MHz
More results

Similar Description - DS90CF384A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CF384AMTDX TI1-DS90CF384AMTDX Datasheet
1Mb / 19P
[Old version datasheet]   DS90CF384A/DS90CF364A 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF384AQ TI1-DS90CF384AQ_15 Datasheet
1Mb / 18P
[Old version datasheet]   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90CF386 NSC-DS90CF386 Datasheet
302Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85 MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85 MHz
logo
Texas Instruments
DS90CF384AQ TI1-DS90CF384AQ Datasheet
306Kb / 12P
[Old version datasheet]   DS90CF384AQ 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF366 NSC-DS90CF366_06 Datasheet
781Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
DS90CF364A NSC-DS90CF364A_07 Datasheet
439Kb / 18P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-65MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com