Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBLB530 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # SBLB530
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SBLB530 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  SBLB530 Datasheet HTML 1Page - Diode Semiconductor Korea SBLB530 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
10.2± 0.2
0.8± 0.1
5.0± 0.5
1.4± 0.2
4.5± 0.2
0.4± 0.1
PIN
1.3± 0.1
1
3
2
2
4
0.1± 0.1
FEATURES
Metal-Semiconductor junction with guard ring
D
2PAK
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC D2PAK,molded plastic
Terminals: Solderable per
MIL- STD-750,Method 2026
Polarity: As marked
Weight: 0.087 ounces,2.2 gram
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SBLB SBLB SBLB SBLB SBLB SBLB SBLB SBLB
530
535
540
545
550
560
580
5100
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
T
C=95
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
T
J=125
Maximum instantaneous forw ard voltage
@ 5.0A
VF
V
Maximum reverse current
@T
C=25
at rated DC blocking voltage @T
C=100
Typical thermal resistance
(Note1)
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
Note: 1. Thermal resistance junction to case.
-55--- + 150
30
35
40
45
50
60
80
100
IFSM
30
35
40
45
50
60
80
100
21
25
28
32
35
42
56
70
mA
IR
0.5
A
-55--- + 150
3.0
0.55
0.70
0.85
175
33
SBLB530---SBLB5100
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE: 30 --- 100 V
CURRENT: 5.0 A
The plastic material carries U/L recognition 94V-0
5.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - SBLB530

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SBLB030CT GOOD-ARK-SBLB030CT Datasheet
236Kb / 3P
   Schottky Barrier Rectifiers
SBLB040CT GOOD-ARK-SBLB040CT Datasheet
236Kb / 3P
   Schottky Barrier Rectifiers
logo
General Semiconductor
SBLB1030 GE-SBLB1030 Datasheet
37Kb / 2P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SBLB1030 GOOD-ARK-SBLB1030 Datasheet
236Kb / 3P
   Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SBLB1030 DSK-SBLB1030 Datasheet
324Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBLB530

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com