Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILC7081AIM5ADJ Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # ILC7081AIM5ADJ
Description  50/100mA SOT-23 CMOS RF LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7081AIM5ADJ Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button ILC7081AIM5ADJ Datasheet HTML 6Page - Fairchild Semiconductor ILC7081AIM5ADJ Datasheet HTML 7Page - Fairchild Semiconductor ILC7081AIM5ADJ Datasheet HTML 8Page - Fairchild Semiconductor ILC7081AIM5ADJ Datasheet HTML 9Page - Fairchild Semiconductor ILC7081AIM5ADJ Datasheet HTML 10Page - Fairchild Semiconductor ILC7081AIM5ADJ Datasheet HTML 11Page - Fairchild Semiconductor ILC7081AIM5ADJ Datasheet HTML 12Page - Fairchild Semiconductor ILC7081AIM5ADJ Datasheet HTML 13Page - Fairchild Semiconductor ILC7081AIM5ADJ Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ILC7080/81
10
REV. 1.0.7 4/3/03
Typical Performance Characteristics
Unless otherwise specified TA =25˚C, VIN =VOUT(NOM), + 1V, ON/OFF pin tied to VIN.
Characterization at output currents above 50mA applies to ILC7081.
Output voltage vs Temperature
3.015
3.01
3.005
3
2.995
2.99
COUT = 0.47 µF (Ceramic)
VOUT = 3.0V
2.985
Temperature (°C)
050
100
150
-50
Dropout Characteristics
VIN (V)
3.4
3.3
3.2
3.1
3
COUT = 0.47 µF (Ceramic)
VOUT = 3.3V
3
3.2
3.4
3.6
IOUT = 0mA
IOUT = 10mA
IOUT = 50mA
Dropout voltage vs Temperature
Temperature (°C)
250
200
150
100
50
0
–40
85
25
VOUT = 3.0V
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 0mA
250
200
150
100
50
0
050
100
150
Dropout voltage vs IOUT
Output Current (mA)
TA = –40°C
TA = 85°C
TA = 25°C
VOUT = 3.0V
150
125
100
75
50
24
68
10
12
14
Ground Current vs Input voltage
VOUT = 3.0 V
COUT = 0.47 µF (Ceramic)
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
IOUT = 0mA
VIN (V)
Line Transient Response
5µs/div
6
5
4
3.01
3.00
2.99
2.98
VIN: tr/tf < 1 µs
VOUT = 3.0V
COUT = 2.2 µF (Ceramic)
IOUT = 100 mA
IOUT = 100mA
IOUT = 150mA
7081 only


Similar Part No. - ILC7081AIM5ADJ

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7081AIM5-285 IMPALA-ILC7081AIM5-285 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
ILC7081AIM5-30 IMPALA-ILC7081AIM5-30 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
ILC7081AIM5-33 IMPALA-ILC7081AIM5-33 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
ILC7081AIM5-36 IMPALA-ILC7081AIM5-36 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
ILC7081AIM5-47 IMPALA-ILC7081AIM5-47 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results

Similar Description - ILC7081AIM5ADJ

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
logo
Fairchild Semiconductor
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
logo
Impala Linear Corporati...
ILC7062 IMPALA-ILC7062 Datasheet
379Kb / 6P
   SOT-23 CMOS LDO
ILC7362 IMPALA-ILC7362 Datasheet
157Kb / 5P
   SOT-23 CMOS NEGATIVE LDO
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
SP6201EM5 EXAR-SP6201EM5 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com