Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1253 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SMV1253
Description  Hyperabrupt Junction Tuning Varactors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1253 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMV1253 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1253 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1253 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1253 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1253 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1253 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1253 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1253 Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1253 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DATA SHEET • SMV1247-SMV1255 VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200061T • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • February 22, 2016
3
Table 2. SMV1247-SMV1255 Absolute Maximum Ratings1
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
VR
15
V
Forward current
IF
20
mA
Power dissipation
PDIS
250
mW
Operating temperature
TOP
–55
+125
C
Storage temperature
TSTG
–55
+150
C
Electrostatic discharge:
Charged Device Model (CDM), Class 4
Human Body Model (HBM), Class 1A
Machine Model (MM), Class A
ESD
1000
250
<50
V
V
V
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters set
at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SMV1247-SMV1255 Electrical Specifications1
(TOP = 25
C, Unless Otherwise Noted)
Part Number
CT
@ 0.3 V
(pF)
CT
@ 4.7 V
(pF)
CT
@ 1 V
(pF)
CT
@ 3 V
(pF)
CT @ 0.3 V
CT @ 4.7 V
(Ratio)
CT @ 1 V
CT @ 3 V
(Ratio)
RS @ 3 V,
500 MHz
(
Ω)
Q @ 3
V,
50 MHz
Min.
Typical
Typical
Max.
Typical
Typical
Min.
Typical
Typical
Max.
Typical
SMV1247
6.5
7
0.7
0.78
4.4
0.95
9.5
10.0
4.6
6.0
1500
SMV1248
15.0
17
1.5
1.70
12.3
2.60
10.8
12.0
4.7
3.3
700
SMV1249
28.0
31
2.6
2.80
18.2
3.40
11.0
12.1
5.3
2.2
600
SMV1251
38.0
42
3.4
3.80
28.1
5.80
11.0
12.2
4.8
1.6
400
SMV1253
48.0
53
4.3
4.80
37.0
7.80
11.0
12.3
4.7
1.4
350
SMV1255
58.0
64
5.2
5.80
43.3
8.50
11.0
12.3
5.1
1.3
350
1 Performance is guaranteed only under the conditions listed in this table.
Reverse voltage VR (IR = 10
μA) = 15 V minimum
Reverse current IR (VR = 12 V) = 20 nA maximum


Similar Part No. - SMV1253

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1253 SKYWORKS-SMV1253 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
logo
List of Unclassifed Man...
SMV1253-001 ETC1-SMV1253-001 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Alpha Industries
SMV1253-004 ALPHA-SMV1253-004 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
logo
List of Unclassifed Man...
SMV1253-004 ETC1-SMV1253-004 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV1253-004 SKYWORKS-SMV1253-004 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
More results

Similar Description - SMV1253

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com