Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL2030PT Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SBL2030PT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SBL2030PT Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SBL2030PT Datasheet HTML 1Page - Diode Semiconductor Korea SBL2030PT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TJ =25
Pulse width=300 s
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
1.7
1.9
2.1
1
10
1 0 0
2 0 0
SBL2030PT-SBL2045PT
SBL2050PT-SBL2060PT
SBL2080PT-SBL20100PT
10
040
60
20
100
120
140
80
TC=25
0.1
1.0
.01
Tc=100
0
5
1
0
02 5
7 5
15
2
0
125
50
50
100
0
50
1
100
250
10
0
15
0
20
0
10
8.3ms Single Half Sine Wave
TJ=125
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
SBL2030PT---SBL20100PT
NUMBER OF CYCLES AT 60HZ
CASE
TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.1 -- PEAK FORWARD SURGE CURRENT
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - SBL2030PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
General Semiconductor
SBL2030PT GE-SBL2030PT Datasheet
72Kb / 2P
   SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBL2030PT DIODES-SBL2030PT Datasheet
74Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. 4 - 2
logo
Sirectifier Semiconduct...
SBL2030PT SIRECTIFIER-SBL2030PT Datasheet
124Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
More results

Similar Description - SBL2030PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com