Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1253-011LF Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SMV1253-011LF
Description  Hyperabrupt Junction Tuning Varactors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1253-011LF Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SMV1253-011LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1253-011LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1253-011LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1253-011LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1253-011LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1253-011LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1253-011LF Datasheet HTML 9Page - Skyworks Solutions Inc. SMV1253-011LF Datasheet HTML 10Page - Skyworks Solutions Inc. SMV1253-011LF Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DATA SHEET • SMV1247-SMV1255 VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
February 22, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200061T
3
2
1
0.035 (0.89 mm) Min
0.044 (1.12 mm) Max
0.0005 (0.01 mm) Min
0.004 (0.10 mm) Max
0.012 (0.30 mm) Min
0.020 (0.50 mm) Max
0.003 (0.080 mm) Min
0.008 (0.20 mm) Max
8° Max.
0.022 (0.55 mm) Ref
0.110 (2.80 mm) Min
0.120 (3.04 mm) Max
0.083 (2.10 mm) Min
0.104 (2.64 mm) Max
0.037 (0.95 mm) Ref
0.047 (1.20 mm) Min
0.055 (1.40 mm) Max
0.076 (1.92 mm) Ref
0.020 (0.51 mm) Ref
200061T-012
Dimensions are in inches (millimeters shown in parentheses)
Figure 12. SOT-23 Package Dimensions
Notes:
1. Carrier tape: black conductive polycarbonate.
2. Cover tape material: transparent conductive PSA.
3. Cover tape size: 5.40 mm width.
4. Tolerance ±0.10 mm.
5. 10-sprocket hole pitch cumulative tolerance: ±0.2 mm.
6. All measurements are in millimeters.
7. Alternative carrier tape dimensions are:
Ao = 3.3
Bo = 2.9
Ko = 1.22
3.10 (Ao)
1.0
2.2
2.70 (Bo)
4.00
4.00
(See Note 5)
2.00 ± 0.05
1.75 ± 0.10
A
A
A
0.25 ± 0.05
0.8 ± 0.05
1.20 (Ko)
ø1.00 Min.
R 0.5 Typ.
Pin 1 Indicator
ø1.5 + 0.1/–0
200061T-013
R 0.3 Max
Figure 13. SOT-23 Tape and Reel Dimensions


Similar Part No. - SMV1253-011LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMV1253-011 ETC1-SMV1253-011 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
More results

Similar Description - SMV1253-011LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com