Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1263 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SMV1263
Description  Hyperabrupt Junction Tuning Varactors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1263 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SMV1263 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1263 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1263 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1263 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1263 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1263 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1263 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1263 Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200062K • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
1
DATA SHEET
SMV1263 Series: Hyperabrupt Junction Tuning Varactors
Applications
 Low-noise and wideband UHF and VHF VCOs
 High-volume, low-cost battery-powered tuning circuits
Features
 High capacitance ratio at low reverse voltage
 Packages rated MSL1, 260 °C per JEDEC J-STD-020
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SMV1263 series of silicon hyperabrupt junction varactor
diodes are designed for 3 V platforms. The high capacitance ratio
and low reverse voltage of these varactors make them attractive
for low phase noise Voltage Controlled Oscillators (VCOs) in
wireless systems up to and over 2.5 GHz.
Table 1 describes the packages and markings of the SMV1263
series of varactors.


Similar Part No. - SMV1263

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1263 SKYWORKS-SMV1263 Datasheet
139Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1263-079 ALPHA-SMV1263-079 Datasheet
262Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1263-079 SKYWORKS-SMV1263-079 Datasheet
139Kb / 4P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1263

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com