Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1245-079LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SMV1245-079LF
Description  Hyperabrupt Junction Tuning Varactors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1245-079LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMV1245-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1245-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1245-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1245-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1245-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1245-079LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1245-079LF Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DATA SHEET • SMV1245 SERIES: HYPERABRUPT JUNCTION TUNING VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200060I
Table 2. SMV1245 Series Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Power dissipation
PDIS
250
mW
Forward current
IF
20
mA
Operating temperature
TOP
–55
+125
C
Storage temperature
TSTG
–55
+150
C
Electrostatic discharge:
Human Body Model (HBM), Class 0
ESD
< 250
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although these devices are designed to be as robust as possible, electrostatic discharge (ESD) can damage them. These
devices must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the
human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all
times.
Table 3. SMV1245 Series Electrical Specifications (Note 1)
(TOP = 25
C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Reverse leakage current
IR
VR = 20.8 V
50
nA
Reverse breakdown voltage
VBR
IR = 10
μA
26
V
Capacitance
CT
VR = 1 V, f = 1 MHz
4.4
4.9
5.4
pF
Capacitance ratio
CTR
CT (1 V)/CT (3 V)
CT (1 V)/CT (9 V)
1.47
3.50
1.76
4.20
Series resistance
RS
VR = 1 V, f = 500 MHz
1.6
2.0
Ω
Note 1: Performance is guaranteed only under the conditions listed in this table.
Typical Performance Characteristics
1
10
01
2
3
4
5
6
78
9
10
11 12
Reverse Voltage (V)
Figure 1. Capacitance vs Reverse Voltage @ 25
°C


Similar Part No. - SMV1245-079LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1245-011 ALPHA-SMV1245-011 Datasheet
19Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1245-011 SKYWORKS-SMV1245-011 Datasheet
115Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMV1245-011LF SKYWORKS-SMV1245-011LF Datasheet
115Kb / 4P
   Hyperabrupt Junction Tuning Varactor
More results

Similar Description - SMV1245-079LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com