Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1212 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SMV1212
Description  Hyperabrupt Junction Tuning Varactors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1212 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SMV1212_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1212_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1212_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1212_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1212_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1212_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1212_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1212_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1212_15 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DATA SHEET • SMV121x VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200057S
Table 1. Packaging and Marking
Single
Single
Common Cathode
Single
SC-79
Green™
SOT-23
SOT-23
SOD-882
Green™
SMV1212-001
Marking: AB1
SMV1212-079LF
Marking: Cathode and HA
SMV1212-001LF
Green™
Marking: EB1
SMV1213-001
Marking: 86
SMV1213-004
Marking: BD3
SMV1213-079LF
Marking: Cathode and HC
SMV1213-001LF
Green™
Marking: D86
SMV1213-004LF
Green™
Marking: GD3
SMV1213-004LF
Marking: J
SMV1215-001LF
Green™
Marking: DM1
LS = 0.7 nH
LS = 1.5 nH
LS = 1.4 nH
LS = 0.45 nH
The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-compliant package unless otherwise noted as Green™.
Tin/lead (Sn/Pb) packaging is not recommended for new designs.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SMV121x varactors are
provided in Table 2. Electrical specifications are provided in
Table 3. Typical capacitance values are listed in Table 4. Typical
performance characteristics of the SMV121x varactors are
illustrated in Figures 1 through 4.
The SPICE model for the SMV121x varactors is shown in Figure 5
and the associated model parameters are provided in Table 6.
Package Dimensions
Package dimensions are shown in Figures 6 to 10 (even
numbers), and tape and reel dimensions are provided in Figures 7
to 11 (odd numbers).
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SMV121x series of varactors are rated to Moisture Sensitivity
Level 1 (MSL1) at 260
C. They can be used for lead or lead-free
soldering. For additional information, refer to the Skyworks
Application Note, Solder Reflow Information, document number
200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.


Similar Part No. - SMV1212_15

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1212-001 ALPHA-SMV1212-001 Datasheet
482Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
List of Unclassifed Man...
SMV1212-001 ETC1-SMV1212-001 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV1212-001 SKYWORKS-SMV1212-001 Datasheet
82Kb / 7P
   SMV1211-SMV1215: Hyperabrupt Junction Tuning Varactors
SMV1212-001LF SKYWORKS-SMV1212-001LF Datasheet
82Kb / 7P
   SMV1211-SMV1215: Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1212-004 ALPHA-SMV1212-004 Datasheet
482Kb / 4P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1212_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com