Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1130 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SMV1130
Description  Hyperabrupt Junction Tuning Varactors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1130 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SMV1130 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1130 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1130 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1130 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1130 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1130 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1130 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1130 Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200150K • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
1
DATA SHEET
SMV1130 Series: Hyperabrupt Junction Tuning Varactors
Applications
 High-volume, low-cost systems
 Wideband VCOs
Features
 High tuning ratio
 Low series resistance
 Packages rated MSL1, 260 °C per JEDEC J-STD-020
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SMV1130 series of surface mount hyperabrupt junction
varactor diodes are designed for very high capacitance tuning
ratios with a low series resistance, which makes these devices
especially attractive for wideband Voltage-Controlled Oscillator
(VCO) applications.
Table 1 describes the packages and markings of the SMV1130
varactors.
Table 1. Packaging and Marking
Single
Single
Single
SC-79
Green™
SOD-882
Green
SOD-323
Green™
SMV1130-079LF
Marking: Cathode and XH
SMV1130-040LF
Marking: HZ1
SMV1130-011LF
Marking: HW
LS = 0.70 nH
LS = 0.45 nH
LS = 1.5 nH
The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-compliant package unless otherwise noted as Green™.
Tin/lead (Sn/Pb) packaging is not recommended for new designs.


Similar Part No. - SMV1130

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130 Datasheet
178Kb / 4P
   Hyperabrupt Junction Tuning Varactor
More results

Similar Description - SMV1130

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com