Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS627431 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS627431
Description  300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS627431 Datasheet(HTML) 5 Page - Texas Instruments

  TPS627431 Datasheet HTML 1Page - Texas Instruments TPS627431 Datasheet HTML 2Page - Texas Instruments TPS627431 Datasheet HTML 3Page - Texas Instruments TPS627431 Datasheet HTML 4Page - Texas Instruments TPS627431 Datasheet HTML 5Page - Texas Instruments TPS627431 Datasheet HTML 6Page - Texas Instruments TPS627431 Datasheet HTML 7Page - Texas Instruments TPS627431 Datasheet HTML 8Page - Texas Instruments TPS627431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TPS62743, TPS627431
www.ti.com
SLVSCQ0A – JUNE 2015 – REVISED MAY 2016
Product Folder Links: TPS62743 TPS627431
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8.4 Thermal Information
THERMAL METRIC(1)
TPS62743
UNIT
YFP
8 PINS
RθJA
Junction-to-ambient thermal resistance
103
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
1.0
°C/W
RθJB
Junction-to-board thermal resistance
20
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
20
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A
°C/W
8.5 Electrical Characteristics
VIN = 3.6V, TA = –40°C to 85°C typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
Operating
quiescent current
EN = VIN, IOUT = 0µA, VOUT = 1.8V, device not switching
360
1800
nA
EN = VIN, IOUT = 0mA, VOUT = 1.8V , device switching
460
ISD
Shutdown current
EN = GND, shutdown current into VIN
70
1000
nA
VTH_ UVLO+
Undervoltage
lockout threshold
Rising VIN
2.075
2.15
V
VTH_UVLO-
Falling VIN
1.925
2
INPUTS (EN, VSEL1-3 )
VIH TH
High level input
threshold
2.2V
≤ VIN ≤ 5.5V
1.1
V
VIL TH
Low level input
threshold
2.2V
≤ VIN ≤ 5.5V
0.4
V
IIN
Input bias Current
10
25
nA
POWER SWITCHES
RDS(ON)
High side
MOSFET on-
resistance
IOUT = 50mA
0.45
1.12
Low Side
MOSFET on-
resistance
0.22
0.65
ILIMF
High side
MOSFET switch
current limit
TPS62743 3.0V
≤ VIN ≤ 5.5V
480
600
720
mA
TPS627431 3.0V
≤ VIN ≤ 5.5V
590
650
800
Low side MOSFET
switch current limit
TPS62743
600
TPS627431
650
OUTPUT VOLTAGE DISCHARGE
RDSCH_VOS
MOSFET on-
resistance
EN = GND, IVOS = -10mA into VOS pin
30
65
IIN_VOS
Bias current into
VOS pin
EN = VIN, VOUT = 2V
40
1010
nA


Similar Part No. - TPS627431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
More results

Similar Description - TPS627431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62746 TI-TPS62746_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62746 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and VIN Switch
TPS62748 TI-TPS62748_15 Datasheet
667Kb / 22P
[Old version datasheet]   TPS62748 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and Load Switch
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
   Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
   Ultra-Low Quiescent Current Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com