Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62740 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62740
Description  360nA IQ Step Down Converter For Low Power Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62740 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62740 Datasheet HTML 1Page - Texas Instruments TPS62740 Datasheet HTML 2Page - Texas Instruments TPS62740 Datasheet HTML 3Page - Texas Instruments TPS62740 Datasheet HTML 4Page - Texas Instruments TPS62740 Datasheet HTML 5Page - Texas Instruments TPS62740 Datasheet HTML 6Page - Texas Instruments TPS62740 Datasheet HTML 7Page - Texas Instruments TPS62740 Datasheet HTML 8Page - Texas Instruments TPS62740 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TPS62740, TPS62742
www.ti.com
SLVSB02B – NOVEMBER 2013 – REVISED JULY 2014
8.3 Recommended Operating Conditions
MIN NOM
MAX UNIT
VIN
Supply voltage VIN
(1)
2.2
5.5
V
VOUTnom + 0.7V ≤ VIN ≤ 5.5V
TPS62740
300
IOUT +
Device output current (sum of IOUT and I LOAD)
3V
≤ VIN, VOUTnom + 0.7V ≤ VIN ≤ 5.5V
TPS62742
400
I LOAD
mA
VOUTnom ≤ VIN ≤ VOUTnom +0.7V
100
ILOAD
Load current (current from LOAD pin)
100
L
Inductance
1.5
2.2
3.3
µH
COUT
Output capacitance connected to VOUT pin (not including LOAD pin)
22
µF
CLOAD Capacitance connected to LOAD pin
10
TJ
Operating junction temperature range
-40
125
°C
TA
Ambient temperature range
-40
85
(1)
The minimum required supply voltage for startup is 2.15V (undervoltage lockout threshold VTH_UVLO+) . The device is functional down to
2V supply voltage (falling undervoltage lockout threshold VTH_UVLO-).
8.4 Thermal Information
THERMAL METRIC
DSS / 12 PINS
UNIT
RθJA
Junction-to-ambient thermal resistance
61.8
RθJCtop
Junction-to-case (top) thermal resistance
70.9
RθJB
Junction-to-board thermal resistance
25.7
°C/W
ψJT
Junction-to-top characterization parameter
1.9
ψJB
Junction-to-board characterization parameter
25.7
RθJCbot
Junction-to-case (bottom) thermal resistance
7.2
8.5 Electrical Characteristics
VIN = 3.6V, TA = –40°C to 85°C typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage
2.2
5.5
V
range
EN = VIN, CTRL = GND, IOUT = 0µA, VOUT = 1.8V, device not switching,
360
1800
nA
Operating
IQ
EN = VIN, IOUT = 0mA, CTRL = GND, VOUT = 1.8V , device switching
460
quiescent current
EN = VIN, IOUT = 0mA., CTRL = VIN, VOUT = 1.8V, device not switching
12.5
µA
ISD
Shutdown current
EN = GND, shutdown current into VIN
70
1000
nA
EN = GND, shutdown current into VIN, TA = 60°C
150
450
VTH_UVLO+
Undervoltage
Rising VIN
2.075
2.15
V
lockout threshold
VTH_UVLO-
Falling VIN
1.925
2
INPUTS EN, CTRL, VSEL 1-4
VIH TH
High level input
2.2V
≤ VIN ≤ 5.5V
1.1
V
threshold
VIL TH
Low level input
2.2V
≤ VIN ≤ 5.5V
0.4
V
threshold
IIN
Input bias Current
TA = 25°C
10
nA
TA = –40°C to 85°C
25
POWER SWITCHES
High side
MOSFET on-
0.6
0.85
resistance
RDS(ON)
VIN = 3.6V, IOUT = 50mA
Low Side
MOSFET on-
0.36
0.5
resistance
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS62740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740EVM-186 TI-TPS62740EVM-186 Datasheet
453Kb / 14P
[Old version datasheet]   TPS62740EVM-186 Evaluation Module
More results

Similar Description - TPS62740

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2269-D-00A MPS-EV2269-D-00A Datasheet
759Kb / 6P
   30V, 1A, Low IQ Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
   1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com